Electronic Components Datasheet Search
  English  ▼

X  

AM8068.ENG Datasheet(PDF) 1 Page - AMtek SEMICONDUCTORS CO., LTD

Part # AM8068.ENG
Description  One Channel H-Bridge Power Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMTEK [AMtek SEMICONDUCTORS CO., LTD]
Direct Link  http://www.amtek-semi.com
Logo AMTEK - AMtek SEMICONDUCTORS CO., LTD

AM8068.ENG Datasheet(HTML) 1 Page - AMtek SEMICONDUCTORS CO., LTD

  AM8068.ENG Datasheet HTML 1Page - AMtek SEMICONDUCTORS CO., LTD AM8068.ENG Datasheet HTML 2Page - AMtek SEMICONDUCTORS CO., LTD AM8068.ENG Datasheet HTML 3Page - AMtek SEMICONDUCTORS CO., LTD AM8068.ENG Datasheet HTML 4Page - AMtek SEMICONDUCTORS CO., LTD AM8068.ENG Datasheet HTML 5Page - AMtek SEMICONDUCTORS CO., LTD AM8068.ENG Datasheet HTML 6Page - AMtek SEMICONDUCTORS CO., LTD AM8068.ENG Datasheet HTML 7Page - AMtek SEMICONDUCTORS CO., LTD AM8068.ENG Datasheet HTML 8Page - AMtek SEMICONDUCTORS CO., LTD AM8068.ENG Datasheet HTML 9Page - AMtek SEMICONDUCTORS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
AM8068
Motor Driver ICs
One Channel H-Bridge Power Driver AM8068
●
Features and Benefits
Wide supply voltage range (2.0V~6.8V)
Maximum output continuous current 0.9A
Low standby mode
current (Typ=0.01μA)
Low quiescent operation current
Low MOSFETs On-resistance
0.6
Ω@Io=0.2A ; 0.65Ω@Io=0.6A
Provide four operation modes:
forward/reverse/stop/brake
Thermal shutdown protection
SOT23-6 package for small size PCB layout
Pb-Free and Halogen-Free Green product
●
Applications
Electronic lock
Small Appliances
Robotics
Consumer Products
●
Description
The AM8068 is one channel H-Bridge driver, It provides
integrated motor-driver solution for toys, robotics,
consumer
products
and
other
low
voltage
or
battery-powered motion control applications. The output
driver block consists of N-channel and P-channel power
MOSFETs configured as an H-bridge to driver DC
motor.
The AM8068 operates on a motor and a device
power-supply voltage from 2.0 V to 6.8 V. It can supply
up to 0.9 A of output continuous current. There is
internal
shutdown
function
for
over-temperature
protection.
The small package, reducing 20% package size
compared with SOP8 size, have a miniaturizing
advantage even more.
Package material is Pb-Free and Halogen-Free (Green)
for the purpose of environmental protection and for
sustainable development of the Earth.
Ordering Information
Orderable Part Number
Package
AM8068
SOT23-6
AMtek semiconductors
May. 2018 V1.1
- 1 -


Similar Part No. - AM8068.ENG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AM80610-030 STMICROELECTRONICS-AM80610-030 Datasheet
44Kb / 3P
RF & MICROWAVE TRANSISTORS UHF COMMUNICATIONS APPLICATIONS
rev. A
More results

Similar Description - AM8068.ENG

ManufacturerPart #DatasheetDescription
logo
AMtek SEMICONDUCTORS CO...
AM1016A AMTEK-AM1016A Datasheet
560Kb / 12P
One Channel H-Bridge Motor Driver
Mar. 2021 V1.3
AM1037A AMTEK-AM1037A Datasheet
622Kb / 12P
One Channel H-Bridge Power Driver
Apr. 2016 V0.3
AM1037EA AMTEK-AM1037EA Datasheet
659Kb / 12P
One Channel H-Bridge Power Driver
Apr. 2016 V0.1
AM1058A AMTEK-AM1058A Datasheet
513Kb / 12P
One Channel H-Bridge Power Driver
Nov 2017 V 1.2
AM1096 AMTEK-AM1096 Datasheet
484Kb / 9P
One Channel H-Bridge Power Driver
Oct. 2016 V0.5
AM1107 AMTEK-AM1107 Datasheet
699Kb / 12P
One Channel H-Bridge Power Driver
Apr. 2016 V0.1
AM1107EA AMTEK-AM1107EA Datasheet
599Kb / 12P
One Channel H-Bridge Power Driver
Oct. 2016 V0.1
AM2849 AMTEK-AM2849 Datasheet
577Kb / 12P
One Channel H-Bridge Motor Driver
Nov. 2020 V0.9
AM2878 AMTEK-AM2878 Datasheet
496Kb / 14P
One Channel H-Bridge Motor Driver
Aug. 2020 V1.6
AM4959 AMTEK-AM4959 Datasheet
475Kb / 14P
One Channel H-Bridge Motor Driver
Jan. 2021 V1.8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com