Electronic Components Datasheet Search
  English  ▼

X  

AM8068.ENG Datasheet(PDF) 8 Page - AMtek SEMICONDUCTORS CO., LTD

Part # AM8068.ENG
Description  One Channel H-Bridge Power Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMTEK [AMtek SEMICONDUCTORS CO., LTD]
Direct Link  http://www.amtek-semi.com
Logo AMTEK - AMtek SEMICONDUCTORS CO., LTD

AM8068.ENG Datasheet(HTML) 8 Page - AMtek SEMICONDUCTORS CO., LTD

Back Button AM8068.ENG Datasheet HTML 4Page - AMtek SEMICONDUCTORS CO., LTD AM8068.ENG Datasheet HTML 5Page - AMtek SEMICONDUCTORS CO., LTD AM8068.ENG Datasheet HTML 6Page - AMtek SEMICONDUCTORS CO., LTD AM8068.ENG Datasheet HTML 7Page - AMtek SEMICONDUCTORS CO., LTD AM8068.ENG Datasheet HTML 8Page - AMtek SEMICONDUCTORS CO., LTD AM8068.ENG Datasheet HTML 9Page - AMtek SEMICONDUCTORS CO., LTD AM8068.ENG Datasheet HTML 10Page - AMtek SEMICONDUCTORS CO., LTD AM8068.ENG Datasheet HTML 11Page - AMtek SEMICONDUCTORS CO., LTD AM8068.ENG Datasheet HTML 12Page - AMtek SEMICONDUCTORS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AM8068
Motor Driver ICs
Thermal Information
θja junction-to-ambient thermal resistance
277.78℃/W
Ψjt junction-to-top characterization parameter
20.6℃/W
Θja is obtained in a simulation on a JEDEC-standard 1s0p board as specified inJESD-51.
The
Θja number listed above gives an estimate of how much temperature rise is expected if the device was
mounted on a standard JEDEC board.
When mounted on the actual PCB, the
Θja value of JEDEC board is totally different than the Θja value of
actual PCB.
Ψjt is extracted from the simulation data to obtain Θja using a procedure described in JESD-51, which
estimates the junction temperature of a device in an actual PCB.
The thermal characterization parameter,
Ψjt, is proportional to the temperature difference between the top
of the package and the junction temperature. Hence, it is useful value for an engineer verifying device
temperature in an actual PCB environment as described in JEDEC JESD-51-12.
When Greek letters are not available,
Ψjt is written Psi-jt.
Definition:
Where :
Ψjt (Psi-jt) = Junction-to-Top(of the package) °C/W
Tj= Die Junction Temp.
°C
Tt= Top of package Temp at center.
°C
Pd= Power dissipation. Watts
Tt
Tj
P
T
T
d
t
j
jt
/
)
(
−
=
ψ
DFEINITION
:
AMtek semiconductors
May. 2018 V1.1
- 8 -



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com