Electronic Components Datasheet Search
  English  ▼

X  

AM9268Q Datasheet(PDF) 7 Page - AMtek SEMICONDUCTORS CO., LTD

Part # AM9268Q
Description  8-Channel Motor Driver for BD-Player
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMTEK [AMtek SEMICONDUCTORS CO., LTD]
Direct Link  http://www.amtek-semi.com
Logo AMTEK - AMtek SEMICONDUCTORS CO., LTD

AM9268Q Datasheet(HTML) 7 Page - AMtek SEMICONDUCTORS CO., LTD

Back Button AM9268Q Datasheet HTML 3Page - AMtek SEMICONDUCTORS CO., LTD AM9268Q Datasheet HTML 4Page - AMtek SEMICONDUCTORS CO., LTD AM9268Q Datasheet HTML 5Page - AMtek SEMICONDUCTORS CO., LTD AM9268Q Datasheet HTML 6Page - AMtek SEMICONDUCTORS CO., LTD AM9268Q Datasheet HTML 7Page - AMtek SEMICONDUCTORS CO., LTD AM9268Q Datasheet HTML 8Page - AMtek SEMICONDUCTORS CO., LTD AM9268Q Datasheet HTML 9Page - AMtek SEMICONDUCTORS CO., LTD AM9268Q Datasheet HTML 10Page - AMtek SEMICONDUCTORS CO., LTD AM9268Q Datasheet HTML 11Page - AMtek SEMICONDUCTORS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AM9268Q
Motor Driver ICs
http://www.amtek-semi.com
M
Ma
arr 2
20
01
13
3 V
V1
1..2
2
Specifications subject to change without notice
- 7
Pin Description
PIN No
Pin Name
Function
1
SL1P
Sledge positive output 1
2
SL1N
Sledge negative output 1
3
RSL1
Sledge current sense1
4
TYN
Tray negative output
5
TYP
Tray positive output
6
OSC
PWM carrier oscillation set
7
TYIN
Tray driver input
8
GND
GND for Tray and Sledge
9
VCC12
Tray driver Power Supply
10
TRB
Connect to external transistor base
11
REGO
Regulator voltage output, connect to external transistor collector
12
BIAS
Input for reference voltage
13
VCC5
Digital circuit Power Supply
14
VMCOL
Collimator driver Power Supply
15
CO2IN
CO2 driver input
16
CO1IN
CO1 driver input
17
CO2P
CO2 positive output
18
CO2N
CO2 negative output
19
CO1P
CO1 positive output
20
CO1N
CO1 negative output
21
TLP
Tilt positive output
22
TLN
Tilt negative output
23
FCP
Focus positive output
24
FCN
Focus negative output
25
TKP
Tracking positive output
26
TKN
Tracking negative output
27
TKIN
Tracking driver input
28
FCIN
Focus driver input
29
TLIN
Tilt driver input
30
HGND
Analog GND
31
VCC5
Actuator driver Power Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com