Electronic Components Datasheet Search
  English  ▼

X  

AM9268Q Datasheet(PDF) 10 Page - AMtek SEMICONDUCTORS CO., LTD

Part # AM9268Q
Description  8-Channel Motor Driver for BD-Player
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMTEK [AMtek SEMICONDUCTORS CO., LTD]
Direct Link  http://www.amtek-semi.com
Logo AMTEK - AMtek SEMICONDUCTORS CO., LTD

AM9268Q Datasheet(HTML) 10 Page - AMtek SEMICONDUCTORS CO., LTD

Back Button AM9268Q Datasheet HTML 6Page - AMtek SEMICONDUCTORS CO., LTD AM9268Q Datasheet HTML 7Page - AMtek SEMICONDUCTORS CO., LTD AM9268Q Datasheet HTML 8Page - AMtek SEMICONDUCTORS CO., LTD AM9268Q Datasheet HTML 9Page - AMtek SEMICONDUCTORS CO., LTD AM9268Q Datasheet HTML 10Page - AMtek SEMICONDUCTORS CO., LTD AM9268Q Datasheet HTML 11Page - AMtek SEMICONDUCTORS CO., LTD AM9268Q Datasheet HTML 12Page - AMtek SEMICONDUCTORS CO., LTD AM9268Q Datasheet HTML 13Page - AMtek SEMICONDUCTORS CO., LTD AM9268Q Datasheet HTML 14Page - AMtek SEMICONDUCTORS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AM9268Q
Motor Driver ICs
http://www.amtek-semi.com
M
Ma
arr 2
20
01
13
3 V
V1
1..2
2
Specifications subject to change without notice
- 10
Application Circuit
1
SL1P
2
SL1N
3
RSL1
4
TYN
5
TYP
6
OSC
7
TYIN
8
GND
9
VCC12
10
TRB
11
REGO
12
BIAS
25
TKP
26
TKN
27
TKIN
28
FCIN
29
TLIN
30
HGND
31
VCC5
32
GND
33
REG_EN
34
CTL1
35
CTL2
36
VCC12
25K
25K
10K
25K
10K
10 K
10 K
25K
Actuator
Driver
(3X)
Actuator
Driver
(3X)
Logic
Direction
Comp
Current
Comp
Frequency
Generator
TRACKING
Focus
Tilt
M
TILT
IN
TRACKING
IN
FOCUS
IN
CTL1
CTL2
LDO_EN
IN
COL2
IN
COL1
IN
330p
TRAY
IN
M
5V
ADJ3.3V
REGOUT
47u
16.4
10K
SL1
IN
SL2
IN
SLED
MOTOR
M
2
Collimator
MOTOR
K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com