Electronic Components Datasheet Search
  English  ▼

X  

AM9268Q Datasheet(PDF) 12 Page - AMtek SEMICONDUCTORS CO., LTD

Part # AM9268Q
Description  8-Channel Motor Driver for BD-Player
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMTEK [AMtek SEMICONDUCTORS CO., LTD]
Direct Link  http://www.amtek-semi.com
Logo AMTEK - AMtek SEMICONDUCTORS CO., LTD

AM9268Q Datasheet(HTML) 12 Page - AMtek SEMICONDUCTORS CO., LTD

Back Button AM9268Q Datasheet HTML 8Page - AMtek SEMICONDUCTORS CO., LTD AM9268Q Datasheet HTML 9Page - AMtek SEMICONDUCTORS CO., LTD AM9268Q Datasheet HTML 10Page - AMtek SEMICONDUCTORS CO., LTD AM9268Q Datasheet HTML 11Page - AMtek SEMICONDUCTORS CO., LTD AM9268Q Datasheet HTML 12Page - AMtek SEMICONDUCTORS CO., LTD AM9268Q Datasheet HTML 13Page - AMtek SEMICONDUCTORS CO., LTD AM9268Q Datasheet HTML 14Page - AMtek SEMICONDUCTORS CO., LTD AM9268Q Datasheet HTML 15Page - AMtek SEMICONDUCTORS CO., LTD AM9268Q Datasheet HTML 16Page - AMtek SEMICONDUCTORS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
AM9268Q
Motor Driver ICs
http://www.amtek-semi.com
M
Ma
arr 2
20
01
13
3 V
V1
1..2
2
Specifications subject to change without notice
- 12
RSL1
GND
M
SL1P
SL1N
SL1IN
BIAS
CTL
1.65V
Rin
VCC12
Forward
Reverse
RSL2
GND
SL2P
SL2N
SL2IN
BIAS
CTL
1.65V
Rin
VCC12
Forward
Reverse
M
RS
RS
The example of current-gain and current-limit of SLEDGE
Gio*[A/V]
RS[Ω]
Ilim[A]
Rin=15kΩ
0.50
1.00
1.00
0.75
0.66
0.66
1.00
0.50
0.50
Gio*=15k/[(Rin+15k)RS][A/V]
3) PWM carrier frequency setting
PWM carrier frequency is decided by charging and discharging capacitor that is
connected to OSC terminal outer IC. Examination of the relationship the capacitor
connected to OSC terminal and PWM carrier frequency is given in following table.
Capacitor[pF]
820
750
330
220
180
130
110
Carrier Frequency[kHz]
28
30
65
90
110
140
160
*This PWM carrier frequency is TYP value.
4) Phase delay circuit at sledge
Phase delay circuit is built in the IC to detect an output spike current, when the motor
current direction is switching. In switching the motor current direction, Phase delay
circuit switch-off all output transistor of H-bridge for 3 μsec.
5) The built-in thermal shutdown circuit mutes the output current when the chip
temperature reaches 175℃ (typ.). The hysteresis is set to 25℃ (typ.), so the circuit will
start up again when the chip temperature falling to 150℃ (typ.).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com