Electronic Components Datasheet Search
  English  ▼

X  

R75 Datasheet(PDF) 13 Page - Kemet Corporation

Part # R75
Description  R75, Single Metallized Polypropylene Film, Radial, DC and Pulse Applications (Automotive Grade)
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

R75 Datasheet(HTML) 13 Page - Kemet Corporation

Back Button R75 Datasheet HTML 9Page - Kemet Corporation R75 Datasheet HTML 10Page - Kemet Corporation R75 Datasheet HTML 11Page - Kemet Corporation R75 Datasheet HTML 12Page - Kemet Corporation R75 Datasheet HTML 13Page - Kemet Corporation R75 Datasheet HTML 14Page - Kemet Corporation R75 Datasheet HTML 15Page - Kemet Corporation R75 Datasheet HTML 16Page - Kemet Corporation R75 Datasheet HTML 17Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
13
© KEMET Electronics Corporation • KEMET Tower • One East Broward Boulevard
F3106_R75 • 3/26/2021
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
Film Capacitors – Polypropylene Pulse/High Frequency Capacitors
R75, Single Metallized Polypropylene Film, Radial, DC and Pulse Applications (Automotive Grade)
VDC
VAC
Cap
Value
(µF)
Dimensions
in mm
Lead
Spacing
(S)
dV/dt
(V/µs)
Max K
0
(V2/µs)
I
pkr
ESL
ESR
I
rms max (*)
R
th
KEMET
Internal
Part Number
Customer
Part
Number
Lead
Length
2x 4 mm
at
100
kHz
at
100 kHz,
85°C
T
H
L
A
pk
nH
mΩ
A
rms
(°C/W)
160
90
5.6
14.0 28.0 32.0
27.5
60
19,200
336
18
4.3
13.41
26
75GR4560(1)00(2) R75GR4560(1)00(2)
160
90
6.8
18.0 33.0 32.0
27.5
60
19,200
408
18
7.0
11.14
23
75GR4680(1)00(2) R75GR4680(1)00(2)
160
90
8.2
18.0 33.0 32.0
27.5
60
19,200
492
18
5.8
12.24
23
75GR4820(1)00(2) R75GR4820(1)00(2)
160
90
10
22.0 37.0 32.0
27.5
60
19,200
600
18
4.8
14.20
21
75GR5100(1)00(2) R75GR5100(1)00(2)
160
90
12
22.0 37.0 32.0
27.5
60
19,200
720
18
4.0
15.56
21
75GR5120(1)00(2) R75GR5120(1)00(2)
160
90
3.3
11.0 22.0 41.5
37.5
35
11,200
116
20
7.2
10.10
27
75GW4330(1)00(2) R75GW4330(1)00(2)
160
90
3.9
11.0 22.0 41.5
37.5
35
11,200
137
20
6.1
10.98
27
75GW4390(1)00(2) R75GW4390(1)00(2)
160
90
4.7
11.0 22.0 41.5
37.5
35
11,200
165
20
5.1
12.05
27
75GW4470(1)00(2) R75GW4470(1)00(2)
160
90
5.6
13.0 24.0 41.5
37.5
35
11,200
196
20
4.3
13.63
25
75GW4560(1)00(2) R75GW4560(1)00(2)
160
90
6.8
16.0 28.5 41.5
37.5
35
11,200
238
20
7.0
11.24
23
75GW4680(1)00(2) R75GW4680(1)00(2)
160
90
6.8
24.0 15.0 41.5
37.5
35
11,200
238
20
7.0
10.81
24
75GW4680(1)L0(2) R75GW4680(1)L0(2)
160
90
8.2
16.0 28.5 41.5
37.5
35
11,200
287
20
5.8
12.34
23
75GW4820(1)00(2) R75GW4820(1)00(2)
160
90
8.2
24.0 19.0 41.5
37.5
35
11,200
287
20
5.8
12.26
23
75GW4820(1)L0(2) R75GW4820(1)L0(2)
160
90
10
19.0 32.0 41.5
37.5
35
11,200
350
20
4.8
14.23
21
75GW5100(1)00(2) R75GW5100(1)00(2)
160
90
12
19.0 32.0 41.5
37.5
35
11,200
420
20
4.0
15.59
21
75GW5120(1)00(2) R75GW5120(1)00(2)
160
90
15
20.0 40.0 41.5
37.5
35
11,200
525
20
3.2
18.30
19
75GW5150(1)00(2) R75GW5150(1)00(2)
160
90
18
20.0 40.0 41.5
37.5
35
11,200
630
20
2.7
20.05
19
75GW5180(1)00(2) R75GW5180(1)00(2)
160
90
22
24.0 44.0 41.5
37.5
35
11,200
770
20
2.2
23.13
17
75GW5220(1)00(2) R75GW5220(1)00(2)
160
90
27
30.0 45.0 41.5
37.5
35
11,200
945
20
1.8
26.57
16
75GW5270(1)00(2) R75GW5270(1)00(2)
160
90
33
30.0 45.0 41.5
37.5
35
11,200
1,155
20
1.4
29.37
16
75GW5330(1)00(2) R75GW5330(1)00(2)
250
140
0.068
4.0 9.0 10.0
7.5
180
90,000
12
8
16.4
3.73
88
75ID2680(1)B0(2)
R75ID2680(1)B0(2)
250
140
0.082
4.0 9.0 10.0
7.5
180
90,000
15
8
13.6
4.10
88
75ID2820(1)B0(2)
R75ID2820(1)B0(2)
250
140
0.1
5.0 10.5 10.0
7.5
180
90,000
18
8
11.1
4.80
78
75ID3100(1)B0(2)
R75ID3100(1)B0(2)
250
140
0.12
5.0 10.5 10.0
7.5
180
90,000
22
8
9.3
5.25
78
75ID3120(1)B0(2)
R75ID3120(1)B0(2)
250
140
0.15
6.0 12.0 10.5
7.5
180
90,000
27
8
7.4
6.23
69
75ID3150(1)A0(2)
R75ID3150(1)A0(2)
250
140
0.18
6.0 12.0 10.5
7.5
180
90,000
32
8
10.6
5.21
69
75ID3180(1)A0(2)
R75ID3180(1)A0(2)
250
140
0.082
4.0 9.0 13.0
10.0
150
75,000
12
9
19.4
3.62
79
75IF2820(1)A0(2)
R75IF2820(1)A0(2)
250
140
0.1
4.0 9.0 13.0
10.0
150
75,000
15
9
15.9
4.00
79
75IF3100(1)A0(2)
R75IF3100(1)A0(2)
250
140
0.12
5.0 11.0 13.0
10.0
150
75,000
18
9
13.3
4.67
69
75IF3120(1)A0(2)
R75IF3120(1)A0(2)
250
140
0.15
5.0 11.0 13.0
10.0
150
75,000
23
9
10.6
5.22
69
75IF3150(1)A0(2)
R75IF3150(1)A0(2)
250
140
0.18
6.0 12.0 13.0
10.0
150
75,000
27
9
13.3
4.86
64
75IF3180(1)A0(2)
R75IF3180(1)A0(2)
250
140
0.22
6.0 12.0 13.0
10.0
150
75,000
33
9
10.9
5.37
64
75IF3220(1)A0(2)
R75IF3220(1)A0(2)
250
160
0.027
4.0 9.0 10.0
7.5
650
325,000
18
8
41.3
2.35
88
75ID2270(1)40(2)
R75ID2270(1)40(2)
250
160
0.033
4.0 9.0 10.0
7.5
650
325,000
21
8
33.8
2.60
88
75ID2330(1)40(2)
R75ID2330(1)40(2)
250
160
0.039
4.0 9.0 10.0
7.5
650
325,000
25
8
28.6
2.83
88
75ID2390(1)40(2)
R75ID2390(1)40(2)
250
160
0.047
4.0 9.0 10.0
7.5
650
325,000
31
8
23.7
3.10
88
75ID2470(1)40(2)
R75ID2470(1)40(2)
250
160
0.056
4.0 9.0 10.0
7.5
650
325,000
36
8
19.9
3.39
88
75ID2560(1)40(2)
R75ID2560(1)40(2)
250
160
0.068
5.0 10.5 10.0
7.5
650
325,000
44
8
16.4
3.95
78
75ID2680(1)40(2)
R75ID2680(1)40(2)
250
160
0.082
5.0 10.5 10.0
7.5
650
325,000
53
8
13.6
4.34
78
75ID2820(1)40(2)
R75ID2820(1)40(2)
250
160
0.1
6.0 12.0 10.5
7.5
650
325,000
65
8
11.1
5.09
69
75ID3100(1)30(2)
R75ID3100(1)30(2)
250
160
0.12
6.0 12.0 10.5
7.5
650
325,000
78
8
9.3
5.57
69
75ID3120(1)30(2)
R75ID3120(1)30(2)
250
160
0.033
4.0 9.0 13.0
10.0
570
285,000
19
9
33.8
2.75
79
75IF2330(1)00(2)
R75IF2330(1)00(2)
250
160
0.039
4.0 9.0 13.0
10.0
570
285,000
22
9
28.6
2.99
79
75IF2390(1)00(2)
R75IF2390(1)00(2)
250
160
0.047
4.0 9.0 13.0
10.0
570
285,000
27
9
23.7
3.28
79
75IF2470(1)30(2)
R75IF2470(1)30(2)
250
160
0.056
4.0 9.0 13.0
10.0
570
285,000
32
9
28.4
2.99
79
75IF2560(1)30(2)
R75IF2560(1)30(2)
250
160
0.068
4.0 9.0 13.0
10.0
570
285,000
39
9
23.4
3.30
79
75IF2680(1)30(2)
R75IF2680(1)30(2)
250
160
0.082
5.0 11.0 13.0
10.0
570
285,000
47
9
19.4
3.86
69
75IF2820(1)30(2)
R75IF2820(1)30(2)
250
160
0.1
5.0 11.0 13.0
10.0
570
285,000
57
9
15.9
4.27
69
75IF3100(1)30(2)
R75IF3100(1)30(2)
250
160
0.12
6.0 12.0 13.0
10.0
570
285,000
68
9
13.3
4.86
64
75IF3120(1)30(2)
R75IF3120(1)30(2)
250
160
0.15
6.0 12.0 13.0
10.0
570
285,000
86
9
10.6
5.43
64
75IF3150(1)30(2)
R75IF3150(1)30(2)
VDC
VAC
Cap
Value
T
H
L
Lead
Spacing
(S)
dV/dt
(V/µs)
Max K
0
(V2/µs)
A
pk
nH
mΩ
A
rms
(°C/W)
KEMET Internal
Part Number
Customer
Part Number
Lead
Length
2x 4 mm
at
100
kHz
at 100 kHz,
85°C
Dimensions
I
pkr
ESL
ESR
I
rms max (*)
R
th
Table 1 – Ratings & Part Number Reference cont.
(1) Insert lead and packaging code. See Ordering Options Table for available options.
(2) J = 5%, K = 10%, M = 20%
(3) K = 10%, M = 20%
(*) I
rms value that leads to a ΔT of ≈ 20°C on the box surface > TBOX = TAMB + ΔT = 85°C + 20°C = 105°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com