Electronic Components Datasheet Search
  English  ▼

X  

R75 Datasheet(PDF) 21 Page - Kemet Corporation

Part # R75
Description  R75, Single Metallized Polypropylene Film, Radial, DC and Pulse Applications (Automotive Grade)
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

R75 Datasheet(HTML) 21 Page - Kemet Corporation

Back Button R75 Datasheet HTML 17Page - Kemet Corporation R75 Datasheet HTML 18Page - Kemet Corporation R75 Datasheet HTML 19Page - Kemet Corporation R75 Datasheet HTML 20Page - Kemet Corporation R75 Datasheet HTML 21Page - Kemet Corporation R75 Datasheet HTML 22Page - Kemet Corporation R75 Datasheet HTML 23Page - Kemet Corporation R75 Datasheet HTML 24Page - Kemet Corporation R75 Datasheet HTML 25Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
21
© KEMET Electronics Corporation • KEMET Tower • One East Broward Boulevard
F3106_R75 • 3/26/2021
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
Film Capacitors – Polypropylene Pulse/High Frequency Capacitors
R75, Single Metallized Polypropylene Film, Radial, DC and Pulse Applications (Automotive Grade)
VDC
VAC
Cap
Value
(µF)
Dimensions
in mm
Lead
Spacing
(S)
dV/dt
(V/µs)
Max K
0
(V2/µs)
I
pkr
ESL
ESR
I
rms max (*)
R
th
KEMET
Internal
Part Number
Customer
Part
Number
Lead
Length
2x 4 mm
at
100
kHz
at
100 kHz,
85°C
T
H
L
A
pk
nH
mΩ
A
rms
(°C/W)
1250
600
0.015
6.0 12.0 18.0
15.0
3,300
8,250,000
50
10
53.1
2.60
56
75RI2150(1)30(2)
R75RI2150(1)30(2)
1250
600
0.018
7.5 13.5 18.0
15.0
3,300
8,250,000
59
10
44.2
2.99
51
75RI2180(1)30(2)
R75RI2180(1)30(2)
1250
600
0.022
7.5 13.5 18.0
15.0
3,300
8,250,000
73
10
36.2
3.30
51
75RI2220(1)30(2)
R75RI2220(1)30(2)
1250
600
0.022
9.0 12.5 18.0
15.0
3,300
8,250,000
73
10
36.2
3.34
50
75RI2220(1)70(2)
R75RI2220(1)70(2)
1250
600
0.027
8.5 14.5 18.0
15.0
3,300
8,250,000
89
10
29.5
3.77
48
75RI2270(1)30(2)
R75RI2270(1)30(2)
1250
600
0.027
13.0 12.0 18.0
15.0
3,300
8,250,000
89
10
29.5
3.89
45
75RI2270(1)70(2)
R75RI2270(1)70(2)
1250
600
0.033
10.0 16.0 18.0
15.0
3,300
8,250,000
109
10
24.1
4.34
44
75RI2330(1)30(2)
R75RI2330(1)30(2)
1250
600
0.033
13.0 12.0 18.0
15.0
3,300
8,250,000
109
10
24.1
4.30
45
75RI2330(1)70(2)
R75RI2330(1)70(2)
1250
600
0.039
10.0 16.0 18.0
15.0
3,300
8,250,000
129
10
20.4
4.72
44
75RI2390(1)30(2)
R75RI2390(1)30(2)
1250
600
0.047
11.0 19.0 18.0
15.0
3,300
8,250,000
155
10
16.9
5.42
40
75RI2470(1)30(2)
R75RI2470(1)30(2)
1250
600
0.056
11.0 19.0 18.0
15.0
3,300
8,250,000
185
10
19.9
5.00
40
75RI2560(1)30(2)
R75RI2560(1)30(2)
1250
600
0.022
6.0 15.0 26.5
22.5
2,100
5,250,000
46
16
36.2
3.57
43
75RN2220(1)30(2) R75RN2220(1)30(2)
1250
600
0.033
6.0 15.0 26.5
22.5
2,100
5,250,000
69
16
24.1
4.37
43
75RN2330(1)30(2) R75RN2330(1)30(2)
1250
600
0.039
6.0 15.0 26.5
22.5
2,100
5,250,000
82
16
20.4
4.75
43
75RN2390(1)30(2) R75RN2390(1)30(2)
1250
600
0.047
7.0 16.0 26.5
22.5
2,100
5,250,000
99
16
16.9
5.37
41
75RN2470(1)30(2) R75RN2470(1)30(2)
1250
600
0.056
7.0 16.0 26.5
22.5
2,100
5,250,000
118
16
19.9
4.95
41
75RN2560(1)30(2) R75RN2560(1)30(2)
1250
600
0.068
8.5 17.0 26.5
22.5
2,100
5,250,000
143
16
16.4
5.64
38
75RN2680(1)30(2) R75RN2680(1)30(2)
1250
600
0.082
10.0 18.5 26.5
22.5
2,100
5,250,000
172
16
13.6
6.41
36
75RN2820(1)30(2) R75RN2820(1)30(2)
1250
600
0.1
10.0 18.5 26.5
22.5
2,100
5,250,000
210
16
11.1
7.08
36
75RN3100(1)30(2) R75RN3100(1)30(2)
1250
600
0.12
11.0 20.0 26.5
22.5
2,100
5,250,000
252
16
9.3
7.97
34
75RN3120(1)30(2) R75RN3120(1)30(2)
1250
600
0.15
13.0 22.0 26.5
22.5
2,100
5,250,000
315
16
7.4
9.26
31
75RN3150(1)30(2) R75RN3150(1)30(2)
1250
600
0.22
14.5 29.5 26.5
22.5
2,100
5,250,000
462
16
5.1
12.04
27
75RN3220(1)30(2) R75RN3220(1)30(2)
1250
600
0.1
9.0 17.0 32.0
27.5
750
1,875,000
75
18
11.1
7.17
35
75RR3100(1)40(2) R75RR3100(1)40(2)
1250
600
0.12
9.0 17.0 32.0
27.5
750
1,875,000
90
18
9.3
7.85
35
75RR3120(1)40(2) R75RR3120(1)40(2)
1250
600
0.15
11.0 20.0 32.0
27.5
750
1,875,000
113
18
7.4
9.26
31
75RR3150(1)40(2) R75RR3150(1)40(2)
1250
600
0.18
11.0 20.0 32.0
27.5
750
1,875,000
135
18
6.2
10.14
31
75RR3180(1)40(2) R75RR3180(1)40(2)
1250
600
0.18
24.0 15.0 32.0
27.5
750
1,875,000
135
18
6.2
10.91
27
75RR3180(1)L4(2) R75RR3180(1)L4(2)
1250
600
0.22
13.0 22.0 32.0
27.5
750
1,875,000
165
18
5.1
11.65
29
75RR3220(1)40(2) R75RR3220(1)40(2)
1250
600
0.22
24.0 15.0 32.0
27.5
750
1,875,000
165
18
5.1
12.06
27
75RR3220(1)L4(2) R75RR3220(1)L4(2)
1250
600
0.27
13.0 25.0 32.0
27.5
750
1,875,000
203
18
10.0
8.48
28
75RR3270(1)40(2) R75RR3270(1)40(2)
1250
600
0.33
14.0 28.0 32.0
27.5
750
1,875,000
248
18
8.2
9.67
26
75RR3330(1)30(2) R75RR3330(1)30(2)
1250
600
0.39
18.0 33.0 32.0
27.5
750
1,875,000
293
18
8.2
10.33
23
75RR3390(1)40(2) R75RR3390(1)40(2)
1250
600
0.47
18.0 33.0 32.0
27.5
750
1,875,000
353
18
6.8
11.35
23
75RR3470(1)40(2) R75RR3470(1)40(2)
1250
600
0.56
18.0 33.0 32.0
27.5
750
1,875,000
420
18
5.7
12.38
23
75RR3560(1)40(2) R75RR3560(1)40(2)
1250
600
0.68
22.0 37.0 32.0
27.5
750
1,875,000
510
18
4.7
14.35
21
75RR3680(1)40(2) R75RR3680(1)40(2)
1250
600
0.82
22.0 37.0 32.0
27.5
750
1,875,000
615
18
3.9
15.75
21
75RR3820(1)40(2) R75RR3820(1)40(2)
1250
600
0.15
11.0 22.0 41.5
37.5
550
1,375,000
83
20
7.4
9.97
27
75RW3150(1)30(2) R75RW3150(1)30(2)
1250
600
0.22
11.0 22.0 41.5
37.5
550
1,375,000
121
20
5.1
12.07
27
75RW3220(1)30(2) R75RW3220(1)30(2)
1250
600
0.27
11.0 22.0 41.5
37.5
550
1,375,000
149
20
10.0
8.58
27
75RW3270(1)30(2) R75RW3270(1)30(2)
1250
600
0.27
24.0 15.0 41.5
37.5
550
1,375,000
149
20
10.0
9.05
24
75RW3270(1)L3(2) R75RW3270(1)L3(2)
1250
600
0.33
13.0 24.0 41.5
37.5
550
1,375,000
182
20
8.2
9.83
25
75RW3330(1)20(2) R75RW3330(1)20(2)
1250
600
0.39
13.0 24.0 41.5
37.5
550
1,375,000
215
20
8.2
9.85
25
75RW3390(1)30(2) R75RW3390(1)30(2)
1250
600
0.39
24.0 15.0 41.5
37.5
550
1,375,000
215
20
8.2
10.02
24
75RW3390(1)L3(2) R75RW3390(1)L3(2)
1250
600
0.47
16.0 28.5 41.5
37.5
550
1,375,000
259
20
6.8
11.44
23
75RW3470(1)40(2) R75RW3470(1)40(2)
1250
600
0.47
24.0 19.0 41.5
37.5
550
1,375,000
259
20
6.8
11.36
23
75RW3470(1)L4(2) R75RW3470(1)L4(2)
1250
600
0.56
16.0 28.5 41.5
37.5
550
1,375,000
308
20
5.7
12.49
23
75RW3560(1)40(2) R75RW3560(1)40(2)
1250
600
0.68
19.0 32.0 41.5
37.5
550
1,375,000
374
20
4.7
14.38
21
75RW3680(1)30(2) R75RW3680(1)30(2)
1250
600
0.82
19.0 32.0 41.5
37.5
550
1,375,000
451
20
3.9
15.79
21
75RW3820(1)40(2) R75RW3820(1)40(2)
1250
600
1
20.0 40.0 41.5
37.5
550
1,375,000
550
20
3.2
18.30
19
75RW4100(1)30(2) R75RW4100(1)30(2)
1250
600
1.2
20.0 40.0 41.5
37.5
550
1,375,000
660
20
4.0
16.37
19
75RW4120(1)40(2) R75RW4120(1)40(2)
VDC
VAC
Cap
Value
T
H
L
Lead
Spacing
(S)
dV/dt
(V/µs)
Max K
0
(V2/µs)
A
pk
nH
mΩ
A
rms
(°C/W)
KEMET Internal
Part Number
Customer
Part Number
Lead
Length
2x 4 mm
at
100
kHz
at 100 kHz,
85°C
Dimensions
I
pkr
ESL
ESR
I
rms max (*)
R
th
Table 1 – Ratings & Part Number Reference cont.
(1) Insert lead and packaging code. See Ordering Options Table for available options.
(2) J = 5%, K = 10%, M = 20%
(3) K = 10%, M = 20%
(*) I
rms value that leads to a ΔT of ≈ 20°C on the box surface > TBOX = TAMB + ΔT = 85°C + 20°C = 105°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com