Electronic Components Datasheet Search
  English  ▼

X  

R75 Datasheet(PDF) 2 Page - Kemet Corporation

Part # R75
Description  R75, Single Metallized Polypropylene Film, Radial, DC and Pulse Applications (Automotive Grade)
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

R75 Datasheet(HTML) 2 Page - Kemet Corporation

  R75 Datasheet HTML 1Page - Kemet Corporation R75 Datasheet HTML 2Page - Kemet Corporation R75 Datasheet HTML 3Page - Kemet Corporation R75 Datasheet HTML 4Page - Kemet Corporation R75 Datasheet HTML 5Page - Kemet Corporation R75 Datasheet HTML 6Page - Kemet Corporation R75 Datasheet HTML 7Page - Kemet Corporation R75 Datasheet HTML 8Page - Kemet Corporation R75 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
2
© KEMET Electronics Corporation • KEMET Tower • One East Broward Boulevard
F3106_R75 • 3/26/2021
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
Film Capacitors – Polypropylene Pulse/High Frequency Capacitors
R75, Single Metallized Polypropylene Film, Radial, DC and Pulse Applications (Automotive Grade)
Ordering Options Table
1
= Not for all sizes, see "Packaging Quantities" table.
Lead Spacing
Nominal
(mm)
Type of Leads and Packaging
Lead Length
(mm)
Lead and
Packaging
Code
7.5
Standard Lead and Packaging Options
Bulk (Bag) – Short Leads
4+2/−0
AA
Ammo Pack
H
0 = 18.5±0.5
DQ
Other Lead and Packaging Options
Tape & Reel (Standard Reel Ø 355 mm)
H
0 = 18.5±0.5
CK
Bulk (Bag) – Short Leads
2.7+0.5/−0
JA
Bulk (Bag) – Short Leads
3.5+0.5/−0
JB
Bulk (Bag) – Short Leads
4.0+0.5/−0
JE
Bulk (Bag) – Short Leads
3.2+0.3/−0.2
JH
Bulk (Bag) – Long Leads
18±1
JM
Bulk (Bag) – Long Leads
17+1/−2
Z3
10
15
22.5
Standard Lead and Packaging Options
Bulk (Bag) – Short Leads
4+2/−0
AA
Ammo Pack
H
0 = 18.5±0.5
DQ
Other Lead and Packaging Options
Tape & Reel (Standard Reel Ø 355 mm)
H
0 = 18.5±0.5
GY
Tape & Reel (Large Reel Ø 500 mm)
H
0 = 18.5±0.5
CK
Bulk (Bag) – Short Leads
2.7+0.5/−0
JA
Bulk (Bag) – Short Leads
3.5+0.5/−0
JB
Bulk (Bag) – Short Leads
10±1
JC
Bulk (Bag) – Short Leads
4.0+0.5/−0
JE
Bulk (Bag) – Short Leads
3.2+0.3/−0.2
JH
Bulk (Bag) – Long Leads
18±1
JM
Bulk (Bag) – Long Leads
30+5/−0
40
Bulk (Bag) – Long Leads
25+2/−1
50
27.5
Standard Lead and Packaging Options
Bulk (Tray) – Short Leads
4+2/−0
AA
Other Lead and Packaging Options
Tape & Reel (Standard Reel Ø 355 mm)
H
0 = 18.5±0.5
GY
Tape & Reel (Large Reel Ø 500 mm)
H
0 = 18.5±0.5
CK1
Bulk (Tray) – Short Leads
3.5+0.5/−0
JB
Bulk (Tray) – Short Leads
4.0+0.5/−0
JE
Bulk (Tray) – Short Leads
3.2+0.3/−0.2
JH
Bulk (Tray) – Long Leads
30+5/−0
40
Bulk (Tray) – Long Leads
25+2/−1
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com