Electronic Components Datasheet Search
  English  ▼

X  

SCES217O Datasheet(PDF) 8 Page - Texas Instruments

Part # SCES217O
Description  PurePath Digital™ 5.1 Channel Evaluation Module for the TAS5508 Digital Audio PWM processor and TAS5122DCA Digital Amplifier Power Output Stage in Both Bridge-Tied-Load and Single-Ended Configuration
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SCES217O Datasheet(HTML) 8 Page - Texas Instruments

Back Button SCES217O Datasheet HTML 4Page - Texas Instruments SCES217O Datasheet HTML 5Page - Texas Instruments SCES217O Datasheet HTML 6Page - Texas Instruments SCES217O Datasheet HTML 7Page - Texas Instruments SCES217O Datasheet HTML 8Page - Texas Instruments SCES217O Datasheet HTML 9Page - Texas Instruments SCES217O Datasheet HTML 10Page - Texas Instruments SCES217O Datasheet HTML 11Page - Texas Instruments SCES217O Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
www.ti.com
1.1
Overview
1.2
TAS5508-5122C6EVM Features
Overview
The TAS5508-5122C6EVM PurePath Digital™ customer evaluation module demonstrates two
integrated circuits TAS5508 and TAS5122DCA from Texas Instruments (TI).
TAS5508PAG is a high performance 32 bit (24 bit input) multichannel PurePath Digital™ Pulse
Width Modulator (PWM) based on Equibit™ technology with new fully symmetrical AD
modulation scheme. The device also has Digital Audio Processing (DAP) that provides 48-bit
signal processing, advanced performance and a high level of system integration. The device has
interfaces for headphone output and Power Supply Volume Control (PSVC).
TAS5122DCA is a high performance digital amplifier power stage designed to drive two 8-
Ω
loudspeakers up to 40 W (10%THD+N) in BTL configuration or four 4-
Ω loudspeakers up to 20
W (10%THD+N) in Single Ended configuration. It contains integrated gate-drivers, eight matched
and electrically isolated enhancement-mode N-channel power DMOS transistors and protec-
tion/fault-reporting circuitry.
This EVM is configured with five SE channels for the satellites and one BTL channel for the
subwoofer.
The TAS5508-5122C6EVM, together with a TI input board, is a complete 6-channel digital audio
amplifier system which includes digital input (S/PDIF), analog inputs, interface to PC and DAP
features like digital volume control, input and output mixers, automute, equalization, tone
controls, loudness, dynamic range compression and PSVC output. There are configuration
options for stereo line level output, stereo headphone output and power stage failure protection.
The system was design for home theater applications such as DVD minicomponent systems,
home theater in a box (HTIB), DVD receivers or Plasma Display Panels (PDP).
Figure 1-1. Complete PurePath Digital™ System
• 6-channel PurePath Digital™ evaluation module design
• Self-contained protection system (short circuit & thermal)
• Standard I2S and I2C / Control connector for TI Input board
• Double-sided plated-through PCB layout
Overview
8
SLEU058 – October 2004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com