Electronic Components Datasheet Search
  English  ▼

X  

SCES217O Datasheet(PDF) 12 Page - Texas Instruments

Part # SCES217O
Description  PurePath Digital™ 5.1 Channel Evaluation Module for the TAS5508 Digital Audio PWM processor and TAS5122DCA Digital Amplifier Power Output Stage in Both Bridge-Tied-Load and Single-Ended Configuration
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SCES217O Datasheet(HTML) 12 Page - Texas Instruments

Back Button SCES217O Datasheet HTML 8Page - Texas Instruments SCES217O Datasheet HTML 9Page - Texas Instruments SCES217O Datasheet HTML 10Page - Texas Instruments SCES217O Datasheet HTML 11Page - Texas Instruments SCES217O Datasheet HTML 12Page - Texas Instruments SCES217O Datasheet HTML 13Page - Texas Instruments SCES217O Datasheet HTML 14Page - Texas Instruments SCES217O Datasheet HTML 15Page - Texas Instruments SCES217O Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
www.ti.com
2.1
PSU Interface
2.2
PSU Connector (J70)
PSU Interface
The TAS5508-5122C6EVM module must be powered from one or two external regulated power
supplies. High audio performance requires a stabilized output stage power supply with low ripple
voltage and low output impedance.
NOTE
The length of power supply cable must be minimized. Increasing length of PSU cable
is equal to increasing the distortion for the amplifier at high output levels and low
frequencies.
Maximum output stage supply voltage depends of the speaker load resistance. Please check the
recommended maximum supply voltage in the TAS5122 datasheet.
Table 2-1. Recommended Power Supplies
DESCRIPTION
VOLTAGE LIMI-
CURRENT RECOMMENDATIONS
TATIONS(4-8
Ω
LOAD)
System power supply
15 V – 25 V
0.25 A
Output power stage supply
0 – 25 V
2.7 A(1)
(1) The rated current correspond to two channels (Ch 1-5) full scale (15W/4ohm each) + one channel (CH
6) full scale (30W/8ohm), which most likely is adequate for a standard 6 channel amplifier design.
The recommended TAS5122 power-up sequence is shown in the following figure. For proper
TAS5122 operation the RESET signal should be kept low during power-up. RESET is pulled low
during power-up for 200 ms by the onboard reset generator (U80).
Figure 2-1. Recommended Power Up Sequence
Figure 2-2. J70 Pin Numbers (PCB connector top view)
System Interfaces
12
SLEU058 – October 2004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com