Electronic Components Datasheet Search
  English  ▼

X  

SCES217O Datasheet(PDF) 18 Page - Texas Instruments

Part # SCES217O
Description  PurePath Digital™ 5.1 Channel Evaluation Module for the TAS5508 Digital Audio PWM processor and TAS5122DCA Digital Amplifier Power Output Stage in Both Bridge-Tied-Load and Single-Ended Configuration
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SCES217O Datasheet(HTML) 18 Page - Texas Instruments

Back Button SCES217O Datasheet HTML 12Page - Texas Instruments SCES217O Datasheet HTML 13Page - Texas Instruments SCES217O Datasheet HTML 14Page - Texas Instruments SCES217O Datasheet HTML 15Page - Texas Instruments SCES217O Datasheet HTML 16Page - Texas Instruments SCES217O Datasheet HTML 17Page - Texas Instruments SCES217O Datasheet HTML 18Page - Texas Instruments SCES217O Datasheet HTML 19Page - Texas Instruments SCES217O Datasheet HTML 20Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
www.ti.com
3.1
Short Circuit Protection & Fault Reporting Circuitry
3.2
Device Fault Reporting
Short Circuit Protection & Fault Reporting Circuitry
TAS5122 is a self-protecting device that provides device fault reporting (including
high-temperature protection and short circuit protection). TAS5122 is configured in back-end
auto-recovery mode and therefore resets automatically after all errors (M1 and M2 is set low).
This mean that the device will re-start it self after a error occasion and report shortly through the
SD error signal.
The OTW, SD_AB, and SD_CD outputs from TAS5122 indicate fault conditions. Please refer to
the TAS5122 data manual for a description of these pins.
Table 3-1. TAS5122 Error Signal Decoding
OTW
SD_XX
DESCRIPTION
0
0
High temperature error and/or high current error
0
1
High temperature warning
1
0
Under voltage lockout or high current error
1
1
Normal operation, no errors/warnings
The temperature warning (OTW) signals at the TAS5508-5122C6EVM board are wired-or to one
temperature warning signal (TEMP_WARNING– pin 22 in control interface connector). Shutdown
signals (SD_AB and SD_CD) are wired-or to one shutdown signal (SHUTDOWN– pin 20 in
control interface connector). The shutdown signals will together with the temperature warning
signal give information on the chip state information as described in the table above. Device fault
reporting outputs are open-drain outputs.
Protection
18
SLEU058 – October 2004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com