Electronic Components Datasheet Search
  English  ▼

X  

Z080338 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # Z080338
Description  Other Protistor® Fuses Ferrule Fuses 27x60 URQ/URS/URB - 690 V to 1000 VAC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

Z080338 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  Z080338 Datasheet HTML 1Page - List of Unclassifed Manufacturers Z080338 Datasheet HTML 2Page - List of Unclassifed Manufacturers Z080338 Datasheet HTML 3Page - List of Unclassifed Manufacturers Z080338 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Semiconductor fuses
Semiconductor (AC) fuses
SCAC
196
Other Protistor® Fuses
Ferrule Fuses
27x60 URQ/URS/URB - 690 V to 1000 VAC
12/04
Time vs current characteristics
These curves indicate, for each rated current, pre-arcing time vs. R.M.S. pre-arcing current.
Tolerance for mean pre-arcing current ± 8%.
a = 130
B1 = 1,25
A2 = 0,6
B2 = 0,6
Cf3 = 0,8
a = 130
B1 = 1,25
A2 = 0,6
B2 = 0,6
Cf3 = 0,8
10
2
10
3
10
4
10
5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
3
10
4
I (A)
URS
125A
160A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com