Electronic Components Datasheet Search
  English  ▼

X  

Z080338 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # Z080338
Description  Other Protistor® Fuses Ferrule Fuses 27x60 URQ/URS/URB - 690 V to 1000 VAC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

Z080338 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  Z080338 Datasheet HTML 1Page - List of Unclassifed Manufacturers Z080338 Datasheet HTML 2Page - List of Unclassifed Manufacturers Z080338 Datasheet HTML 3Page - List of Unclassifed Manufacturers Z080338 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SCAC
197
Semiconductor fuses
Semiconductor (AC) fuses
Other Protistor® Fuses
Ferrule Fuses
27x60 URQ/URS/URB - 690 V to 1000 VAC
12/04
Corrective factor
Peak arc voltage
Above: Mean curves show variation of total clearing time (
I2tt) and total clearing duration tt as a function of operating voltage U.
DC Application data
Left: Curves indicate permissible value
of time constant L/r as a function of the
DC working voltage
These curves show peak value Um of arc voltage which appears across the fuse-link as a function of operating voltage U @ cos
ϕ = 0.15.
50 to 200 A URQ
250 A URQ
32 to170 A URB
50 to 200 A URQ
250 A URQ
32 to170 A URB
K
K
K
1,2
1
0,8
0,6
0,4
0
200
400
600
1,2
1
0,8
0,6
0,4
0,2
0,2
0
200
100
400
300
500 600
U(V)
U(V)
1,2
1
0,8
0,6
0,4
0,2
0
200
400
600
800 1000
U(V)
L
R
80
70
60
50
40
30
20
10
100
200
300
400
500
600
U(V)
(ms)
0
In <= 160 A
In <= 200 A
In <= 250 A
200
300
400
500
600
700
800
500
700
900
1100
1300
1500
U (V)
125-160A URS
125-160A URS
Um(V)
U(V)
2000
1000
0
100 200 300 400 500
600 700
Um(V)
U(V)
2000
1000
0
0
100 200 300 400 500
500
600
600
700
700
800
900
1000
Um(V)
2000
1000
U(V)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com