Electronic Components Datasheet Search
  English  ▼

X  

Z080338 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # Z080338
Description  Other Protistor® Fuses Ferrule Fuses 27x60 URQ/URS/URB - 690 V to 1000 VAC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

Z080338 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  Z080338 Datasheet HTML 1Page - List of Unclassifed Manufacturers Z080338 Datasheet HTML 2Page - List of Unclassifed Manufacturers Z080338 Datasheet HTML 3Page - List of Unclassifed Manufacturers Z080338 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Semiconductor fuses
Semiconductor (AC) fuses
SCAC
194
Other Protistor® Fuses
Ferrule Fuses
27x60 URQ/URS/URB - 690 V to 1000 VAC
12/04
Watts loss
0,8 IN
IN
* Minimum operating voltage for trip-indicator: 20 V
Fuseholder Solution: See Gears and Fuse gears section
Voltage
rating
UN(VAC)
690 V
Class
Current
rating
IN (A)
50
63
80
100
125
160
200
250
125
160
32
40
50
63
80
100
125
160
170
Tested
Breaking
capacity
200 kA
@ 690 V
200 kA
@ 690 V
100 kA
@ 1000 V
Total clearing I2t
I2tt (A
2s)
610 @ 660 V
860 @ 660 V
1880 @ 660 V
3210 @ 660 V
6970 @ 660 V
15000 @ 660 V
30000 @ 660 V
63000 @ 660 V
13000 @ 660 V
24000 @ 660 V
250 @ 1000 V
450 @ 1000 V
840 @ 1000 V
1470 @ 1000 V
3300 @ 1000 V
6000 @ 1000 V
12500 @ 1000 V
26700 @ 1000 V
36000 @ 1000 V
Pre-arcing
I2t @ 1 ms
I2tp (A
2s)
110
155
350
625
1400
3150
6580
15570
2790
5500
33
60
110
200
435
975
1910
3890
4710
URQ
URB
1000 V
8.4
11.1
12.6
14.2
15.7
17.7
19.4
22.6
14.5
17.5
7.4
8.7
9.7
11.3
12.3
14
16
18
19
16
21
24
27
30
34
38
45
25
30
14.5
17
19
22
24
27
31
35
37
EXTREMELY HIGH IBREAKING CAPACITY FUSES:
PROTECTION OF POWER SEMI CONDUCTORS ACCORDING TO
IEC STANDARD 60269.1 AND 4
690 V - 1000 V AC VOLTAGE RATING
aR-CLASS ACCORDING TO VDE 636-23 AND IEC 60269.4
690V URQ and 1000V URB are UL RECOGNIZED
Main Characteristics
URS
690 V


Similar Part No. - Z080338

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z08030 ZILOG-Z08030 Datasheet
304Kb / 9P
Serial Communications Controller
Z0803606 ZILOG-Z0803606 Datasheet
1Mb / 27P
Counter/Timer and Parallel I/O Unit
Z0803606CEA ZILOG-Z0803606CEA Datasheet
1Mb / 27P
Counter/Timer and Parallel I/O Unit
Z0803606CEB ZILOG-Z0803606CEB Datasheet
1Mb / 27P
Counter/Timer and Parallel I/O Unit
Z0803606CEC ZILOG-Z0803606CEC Datasheet
1Mb / 27P
Counter/Timer and Parallel I/O Unit
More results

Similar Description - Z080338

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
FWA-50A21F COOPER-FWA-50A21F Datasheet
194Kb / 2P
Ferrule style high speed fuses.
FWP-30A14FI COOPER-FWP-30A14FI Datasheet
1Mb / 21P
Ferrule fuses
BBS-1 COOPER-BBS-1 Datasheet
53Kb / 1P
Fast-Acting Ferrule Fuses
DMM-B-44 COOPER-DMM-B-44 Datasheet
93Kb / 2P
Fast-Acting Ferrule Fuses
DMM-B-11A COOPER-DMM-B-11A Datasheet
93Kb / 2P
Fast-Acting Ferrule Fuses
BAN-20 COOPER-BAN-20 Datasheet
76Kb / 1P
Ferrule Type, Fast-Acting Fuses
KTQ COOPER-KTQ Datasheet
74Kb / 1P
Ferrule Type, Fast-Acting Fuses
FWH-250A6F COOPER-FWH-250A6F Datasheet
297Kb / 2P
6x32mm high speed ferrule fuses
GCF-1.6A COOPER-GCF-1.6A Datasheet
33Kb / 1P
5mm 횇 25mm Ferrule Fuses
KTQ-1 COOPER-KTQ-1 Datasheet
74Kb / 1P
Ferrule Type, Fast-Acting Fuses
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com