Electronic Components Datasheet Search
  English  ▼

X  

AP9221 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP9221
Description  SINGLE CHIP BATTERY PROTECTION SOLUTION FOR 1-CELL Li BATTERY PACK
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP9221 Datasheet(HTML) 5 Page - Diodes Incorporated

  AP9221 Datasheet HTML 1Page - Diodes Incorporated AP9221 Datasheet HTML 2Page - Diodes Incorporated AP9221 Datasheet HTML 3Page - Diodes Incorporated AP9221 Datasheet HTML 4Page - Diodes Incorporated AP9221 Datasheet HTML 5Page - Diodes Incorporated AP9221 Datasheet HTML 6Page - Diodes Incorporated AP9221 Datasheet HTML 7Page - Diodes Incorporated AP9221 Datasheet HTML 8Page - Diodes Incorporated AP9221 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AP9221
Document number: DS42177 Rev. 3 - 2
5 of 16
www.diodes.com
May 2021
© Diodes Incorporated
AP9221
Electrical Characteristics (TA = +25°C, VDD = 3.5V, VSS = 0V, R1 = 220Ω, R2 = 1.0kΩ, C1 = 100nF, unless otherwise specified.)
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VCU
Overcharge Detection Voltage
VM = 0V
VCU
- 0.015
VCU
VCU
+ 0.025
V
VCL
Overcharge Release Voltage
VCL ≠ VCU
VCL
- 0.050
VCL
VCL
+ 0.050
V
VCL = VCU
VCL
- 0.015
VCL
VCL
+ 0.025
V
VDL
Overdischarge Detection Voltage
VM = 0V
VDL
- 0.035
VDL
VDL
+ 0.035
V
VDU
Overdischarge Release Voltage
VDU ≠ VDL
VDU
- 0.065
VDU
VDU
+ 0.065
V
VDU = VDL
VDU
- 0.035
VDU
VDU
+ 0.035
V
VDOC
Discharge Overcurrent Detection Voltage
VDD = 3.5V
VDOC
-0.012
VDOC
VDOC
+0.012
V
VSHORT
Load Short-Circuiting Detection Voltage
VDD = 3.5V
VSHORT
-0.050
VSHORT
VSHORT
+0.050
V
VCOC
Charge Overcurrent Detection Voltage
VDD = 3.5V
VCOC
-0.012
VCOC
VCOC
+0.012
V
ICC (Power Down Function)
ICC
Current Consumption During Operation
VDD = 3.5V, VM = 0V
—
3.0
4.5
μA
IPDN
Current Consumption During Power-Down
Mode
VDD = 1.8V, VM Pin Floating
—
—
0.1
μA
ICC (Auto-Wake Up Function)
ICC
Current Consumption During Operation
VDD = 3.5V, VM = 0V
—
3
4.5
μA
IAUTO
Current Consumption During Auto-Wake
Mode
VDD = 1.8V, VM Pin Floating
—
3.5
5.5
μA
RVMD
Resistance Between VM Pin and VDD Pin
VDD = 1.8V, VM = 0V
150
300
500
kΩ
RVMS
Resistance Between VM Pin and VSS Pin
VDD = 3.5V, VM = 1.0V
10
30
50
kΩ
V0CHA
0V Battery Charge Starting Charge Voltage 0V battery charging “available”
1.2
—
—
V
V0INH
0V Battery Charge Inhibition Battery Voltage 0V battery charging “unavailable”
—
—
0.45
V
VOVCHG
Overvoltage Charge Detection Voltage
VDD = 3.5V
6.0
8.0
10.0
V
VOVCHGR Overvoltage Charge Release Voltage
VDD = 3.5V
5.3
7.3
9.3
V
tCU
Overcharge Detection Delay Time
VDD = 3.6 to 4.5V
800
1000
1200
ms
tCUR
Overcharge Release Delay Time
VM = 0V
1.6
2
2.4
ms
tDL
Overdischarge Detection Delay Time
VDD = 3.6V to 2.0V
92
115
138
ms
tDLR
Overdischarge Release Delay Time
VM = 0V
1.6
2
2.4
ms
tDOC
Discharge Overcurrent Detection Delay Time VDD = 3.6V
8
10
12
ms
tDOCR
Discharge Overcurrent Release Delay Time VM = 0V
1.6
2
2.4
ms
tSHORT
Load Short Detection Delay Time
VDD = 3.6V
288
360
432
μs
tCOC
Charge Overcurrent Detection Delay Time
VDD = 3.6V
8
10
12
ms
tCOCR
Charge Overcurrent Release Delay Time
VM = 0V
1.6
2
2.4
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com