Electronic Components Datasheet Search
  English  ▼

X  

AP9221 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP9221
Description  SINGLE CHIP BATTERY PROTECTION SOLUTION FOR 1-CELL Li BATTERY PACK
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP9221 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP9221 Datasheet HTML 1Page - Diodes Incorporated AP9221 Datasheet HTML 2Page - Diodes Incorporated AP9221 Datasheet HTML 3Page - Diodes Incorporated AP9221 Datasheet HTML 4Page - Diodes Incorporated AP9221 Datasheet HTML 5Page - Diodes Incorporated AP9221 Datasheet HTML 6Page - Diodes Incorporated AP9221 Datasheet HTML 7Page - Diodes Incorporated AP9221 Datasheet HTML 8Page - Diodes Incorporated AP9221 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
AP9221
Document number: DS42177 Rev. 3 - 2
1 of 16
www.diodes.com
May 2021
© Diodes Incorporated
AP9221
SINGLE CHIP BATTERY PROTECTION SOLUTION FOR 1-CELL Li+ BATTERY PACK
Description
The AP9221 is a single-chip protection solution specially designed for
1-cell Li+ rechargeable battery pack applications.
The AP9221 includes a 1-cell Lithium ion battery protection chip and
dual N-CH MOSFET with common drain.
The AP9221 provides rich battery protection features and can turn-off
the N-CH MOSFET by detecting overcharge voltage/current,
overdischarge voltage/current, or load short circuit. The AP9221 has
built-in fixed delay time to save external components.
The AP9221 is available in the U-DFN2030-6 (Type C) package.
Features
•
High Voltage CMOS Process, up to 24V (VDD to VM)
•
Low Quiescent Current (+25°C)
•
In Normal Mode, 3.0µA (Typ.), 4.5µA (Max.) VDD = 3.5V
•
In Power-Down Mode, 0.1µA (Max.)
•
High-Accuracy Voltage Detection Circuit (+25°C)
•
Overcharge Detection Voltage: 3.5V to 4.5V (5mV Steps)
Accuracy-15mV, +25mV
•
Overcharge Hysteresis Voltage Range: 0.1V to 0.4V (50mV
Steps) Accuracy ±50mV
•
Overdischarge Detection Voltage: 2.0V to 3.4V (10mV
Steps) Accuracy ±35mV
•
Overdischarge Hysteresis Voltage Range: 0V to 0.7V
(40mV Steps) Accuracy ±65mV
•
Discharge Overcurrent Detection Voltage: 0.025V to 0.2V
(10mV Steps) Accuracy ±12mV
•
Short Current Detection Voltage: 0.12V to 0.45V (50mV
Steps) Accuracy ±50mV
•
Charge Overcurrent Detection Voltage: -0.2V to -0.025V
(10mV Steps) Accuracy ±12mV
•
Overcharger Detection Voltage: 8.0V (Fixed) Accuracy ±2V
•
Overcharger Release Voltage: 7.3V (Fixed) Accuracy ±2V
•
Built-In Fixed Detection Delay Time (+25°C), Accuracy ±20%
•
Power-Down Mode Selectable (Yes or No)
•
0V Battery Charge Selectable (Permission or Inhibition)
•
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
•
Halogen- and Antimony-Free. “Green” Device (Note 3)
•
For automotive applications requiring specific change
control (i.e. parts qualified to AEC-Q100/101/200, PPAP
capable, and manufactured in IATF 16949 certified facilities),
please contact us or your local Diodes representative.
https://www.diodes.com/quality/product-definitions/
Pin Assignments
(Top View)
1
2
3
5
4
S1
VSS
VDD
VM
S2
NC
6
EP
U-DFN2030-6 (Type C)
Applications
•
Li+ Rechargeable Battery Packs
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.


Similar Part No. - AP9221

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP9211 DIODES-AP9211 Datasheet
532Kb / 17P
SINGLE CHIP SOLUTION FOR 1-CELL Li BATTERY PACK
Rev 2
AP9211S-AA-HAC-7 DIODES-AP9211S-AA-HAC-7 Datasheet
532Kb / 17P
SINGLE CHIP SOLUTION FOR 1-CELL Li BATTERY PACK
Rev 2
AP9211S-AB-HAC-7 DIODES-AP9211S-AB-HAC-7 Datasheet
532Kb / 17P
SINGLE CHIP SOLUTION FOR 1-CELL Li BATTERY PACK
Rev 2
AP9211S-AC-HAC-7 DIODES-AP9211S-AC-HAC-7 Datasheet
532Kb / 17P
SINGLE CHIP SOLUTION FOR 1-CELL Li BATTERY PACK
Rev 2
AP9211S-AD-HAC-7 DIODES-AP9211S-AD-HAC-7 Datasheet
532Kb / 17P
SINGLE CHIP SOLUTION FOR 1-CELL Li BATTERY PACK
Rev 2
More results

Similar Description - AP9221

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S-8261ABRMD-G3RT2G ETC2-S-8261ABRMD-G3RT2G Datasheet
463Kb / 33P
BATTERY PROTECTION IC FOR 1-CELL PACK
logo
Unisonic Technologies
UB244A UTC-UB244A Datasheet
179Kb / 11P
LI-ION BATTERY PROTECTION IC FOR 1-CELL TO 4-CELL PACK
logo
Seiko Instruments Inc
S8206A SII-S8206A Datasheet
917Kb / 28P
BATTERY PROTECTION IC FOR 1-CELL PACK
logo
Diodes Incorporated
AP9101C DIODES-AP9101C Datasheet
742Kb / 18P
SINGLE CHIP SOLUTION FOR 1-CELL Li BATTERY PACK
AP9211 DIODES-AP9211 Datasheet
532Kb / 17P
SINGLE CHIP SOLUTION FOR 1-CELL Li BATTERY PACK
Rev 2
AP9214L DIODES-AP9214L Datasheet
689Kb / 17P
SINGLE CHIP SOLUTION FOR 1-CELL Li BATTERY PACK
Rev 1
AP9234L DIODES-AP9234L Datasheet
540Kb / 14P
HIGH ACCURACY SINGLE CHIP SOLUTION FOR 1-CELL Li plus BATTERY PACK
Rev 1
logo
Unisonic Technologies
UB244A UTC-UB244A_17 Datasheet
221Kb / 11P
LI-ION BATTERY PROTECTION IC FOR 1-CELL TO 4-CELL PACK
logo
Shenzhen Huazhimei Semi...
HM5407H HMSEMI-HM5407H Datasheet
1Mb / 11P
Single-cell Li-ion/Li-polymer rechargeable battery pack protection chip
HM5452G HMSEMI-HM5452G Datasheet
685Kb / 11P
Single-cell Li-ion/Li-polymer rechargeable battery pack protection chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com