Electronic Components Datasheet Search
  English  ▼

X  

AP9221 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AP9221
Description  SINGLE CHIP BATTERY PROTECTION SOLUTION FOR 1-CELL Li BATTERY PACK
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP9221 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button AP9221 Datasheet HTML 3Page - Diodes Incorporated AP9221 Datasheet HTML 4Page - Diodes Incorporated AP9221 Datasheet HTML 5Page - Diodes Incorporated AP9221 Datasheet HTML 6Page - Diodes Incorporated AP9221 Datasheet HTML 7Page - Diodes Incorporated AP9221 Datasheet HTML 8Page - Diodes Incorporated AP9221 Datasheet HTML 9Page - Diodes Incorporated AP9221 Datasheet HTML 10Page - Diodes Incorporated AP9221 Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AP9221
Document number: DS42177 Rev. 3 - 2
7 of 16
www.diodes.com
May 2021
© Diodes Incorporated
AP9221
Electrical Characteristics (continued) (Notes 7 & 8) (TA = +25°C, VDD = 3.5V, VSS = 0V, R1 = 220Ω, R2 = 1.0kΩ, C1 = 100nF,
unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IDSS
Zero Gate Voltage Drain Current
VDS = 20V, VGS = 0
—
—
1.0
μA
RSS(on)1
Static Source-Source On-Resistance 1
VDD = 4.5V, ID = 1A
—
130
—
mΩ
RSS(on)2
Static Source-Source On-Resistance 2
VDD = 3.0V, ID = 1A
—
120
—
mΩ
RSS(on)2
Static Source-Source On-Resistance 2
VDD = 2.5V, ID = 500mA
—
120
—
mΩ
VSD
Diode Forward Voltage
VGS = 0V
IS = 1A
—
0.75
1.0
V
Notes:
7. In case of Gate-Source voltage of charging MOSFET is 0V. In case of Gate-Source voltage of discharging MOSFET is 0V.
8. These specifications are guaranteed by design and will not be tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com