Electronic Components Datasheet Search
  English  ▼

X  

CS1016 Datasheet(PDF) 25 Page - List of Unclassifed Manufacturers

Part # CS1016
Description  MAGNETIC POWDER CORES
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CS1016 Datasheet(HTML) 25 Page - List of Unclassifed Manufacturers

Back Button CS1016 Datasheet HTML 21Page - List of Unclassifed Manufacturers CS1016 Datasheet HTML 22Page - List of Unclassifed Manufacturers CS1016 Datasheet HTML 23Page - List of Unclassifed Manufacturers CS1016 Datasheet HTML 24Page - List of Unclassifed Manufacturers CS1016 Datasheet HTML 25Page - List of Unclassifed Manufacturers CS1016 Datasheet HTML 26Page - List of Unclassifed Manufacturers CS1016 Datasheet HTML 27Page - List of Unclassifed Manufacturers CS1016 Datasheet HTML 28Page - List of Unclassifed Manufacturers CS1016 Datasheet HTML 29Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 42 page
background image
47 ::: Chang Sung Corporation
Magnetic Powder Cores :::
48
OD467
Core Dimensions
OD(max)
ID(min)
HT(max)
Before coating
(mm)
46.74
24.13
18.03
(inch)
1.840
0.950
0.710
After coating
(mm)
47.60
23.30
18.92
(Epoxy)
(inch)
1.875
0.918
0.745
Magnetic Dimensions
Cross Section
Path Length
Window Area
Volume
(A)
( )
(Wa)
(V)
1.990cm2
10.74cm
4.27cm2
21.373cm3
0.308in2
4.23in
842,700cmil
1.303in3
Winding Information
Single layer winding with 1 inch leads
AWG Wire
Single Layer
AWG Wire
Single Layer
No. Dia(cm)
Turn Rdc,
No. Dia(cm)
Turn Rdc,
10
11
12
13
14
15
16
17
18
0.213
0.190
0.171
0.153
0.137
0.122
0.109
0.0980
0.0879
22
25
28
31
35
40
45
50
57
0.0488
0.0688
0.0966
0.0136
0.0189
0.0267
0.0375
0.0526
0.0740
19
20
21
22
23
24
25
26
27
0.0785
0.0701
0.0632
0.0566
0.0505
0.0452
0.0409
0.0366
0.0330
64
71
80
90
100
112
125
140
155
0.104
0.146
0.205
0.290
0.403
0.567
0.798
1.13
1.57
Available Cores
Part No.
MPP
High Flux
Sendust
Mega Flux
Perm.
(μ)
AL
(nH/N2)
CM467026
CM467060
-
-
CM467125
CM467147
CM467160
-
-
CH467026
CH467060
-
-
CH467125
-
-
-
-
CS467026
CS467060
CS467075
CS467090
CS467125
-
-
-
-
CK467026
CK467060
CK467075
CK467090
-
-
-
-
-
59
135
169
202
281
330
360
-
-
26
60
75
90
125
147
160
173
200
ID 24.13mm
HT 18.03mm
OD 46.74mm / 1.840inches
AL vs NI Curve (60μ, 125μ)
OD400
Core Dimensions
OD(max)
ID(min)
HT(max)
Before coating
(mm)
39.88
24.13
14.48
(inch)
1.570
0.950
0.570
After coating
(mm)
40.70
23.30
15.37
(Epoxy)
(inch)
1.602
0.918
0.605
Magnetic Dimensions
Cross Section
Path Length
Window Area
Volume
(A)
( )
(Wa)
(V)
1.072cm2
9.84cm
4.27cm2
10.5485cm3
0.1662in2
3.88in
842,700cmil
0.6449in3
Winding Information
Single layer winding with 1 inch leads
AWG Wire
Single Layer
AWG Wire
Single Layer
No. Dia(cm)
Turn Rdc,
No. Dia(cm)
Turn Rdc,
10
11
12
13
14
15
16
17
18
0.213
0.190
0.171
0.153
0.137
0.122
0.109
0.0980
0.0879
22
25
28
31
35
40
45
50
57
0.00389
0.00545
0.00762
0.0107
0.0148
0.0208
0.0292
0.0408
0.0574
19
20
21
22
23
24
25
26
27
0.0785
0.0701
0.0632
0.0566
0.0505
0.0452
0.0409
0.0366
0.0330
64
71
80
90
100
112
125
140
155
0.0804
0.112
0.158
0.223
0.309
0.435
0.611
0.862
1.20
Available Cores
Part No.
MPP
High Flux
Sendust
Mega Flux
Perm.
(μ)
AL
(nH/N2)
CM400026
CM400060
-
-
CM400125
CM400147
CM400160
CM400173
-
CH400026
CH400060
-
-
CH400125
CH400147
CH400160
-
-
CS400026
CS400060
CS400075
CS400090
CS400125
-
-
-
-
CK400026
CK400060
CK400075
CK400090
-
-
-
-
-
35
81
101
121
168
198
215
233
269
26
60
75
90
125
147
160
173
200
ID 24.13mm
HT 14.48mm
AL vs NI Curve (60μ, 125μ)
OD 39.88mm / 1.570inches



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com