Electronic Components Datasheet Search
  English  ▼

X  

CS1016 Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # CS1016
Description  MAGNETIC POWDER CORES
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CS1016 Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button CS1016 Datasheet HTML 23Page - List of Unclassifed Manufacturers CS1016 Datasheet HTML 24Page - List of Unclassifed Manufacturers CS1016 Datasheet HTML 25Page - List of Unclassifed Manufacturers CS1016 Datasheet HTML 26Page - List of Unclassifed Manufacturers CS1016 Datasheet HTML 27Page - List of Unclassifed Manufacturers CS1016 Datasheet HTML 28Page - List of Unclassifed Manufacturers CS1016 Datasheet HTML 29Page - List of Unclassifed Manufacturers CS1016 Datasheet HTML 30Page - List of Unclassifed Manufacturers CS1016 Datasheet HTML 31Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 42 page
background image
Magnetic Powder Cores :::
52
51 ::: Chang Sung Corporation
OD572
Core Dimensions
OD(max)
ID(min)
HT(max)
Before coating
(mm)
57.15
35.56
13.97
(inch)
2.250
1.400
0.550
After coating
(mm)
58.00
34.70
14.86
(Epoxy)
(inch)
2.285
1.368
0.585
Magnetic Dimensions
Cross Section
Path Length
Window Area
Volume
(A)
( )
(Wa)
(V)
1.444cm2
14.30cm
9.48cm2
20.65cm3
0.244in2
5.63in
1,871,000cmil
1.261in3
Winding Information
Single layer winding with 1 inch leads
AWG Wire
Single Layer
AWG Wire
Single Layer
No. Dia(cm)
Turn Rdc,
No. Dia(cm)
Turn Rdc,
10
11
12
13
14
15
16
17
18
0.267
0.238
0.213
0.190
0.171
0.153
0.137
0.122
0.109
37
42
48
54
60
68
76
85
96
0.00644
0.00920
0.0133
0.0188
0.0263
0.0376
0.0531
0.0746
0.107
19
20
21
22
23
24
25
26
27
0.0980
0.0879
0.0785
0.0701
0.0632
0.0566
0.0505
0.0452
0.0409
108
120
135
152
169
189
212
237
263
0.152
0.211
0.300
0.428
0.596
0.845
1.19
1.69
2.35
Available Cores
Part No.
MPP
High Flux
Sendust
Mega Flux
Perm.
(μ)
AL
(nH/N2)
CM572026
CM572060
-
-
CM572125
CM572147
CM572160
-
-
CH572026
CH572060
-
-
CH572125
-
-
-
-
CS572026
CS572060
CS572075
CS572090
CS572125
-
-
-
-
CK572026
CK572060
CK572075
CK572090
-
-
-
-
-
33
75
94
112
156
185
200
-
-
26
60
75
90
125
147
160
173
200
ID 35.56mm
HT 13.97mm
OD 57.15mm / 2.250inches
AL vs NI Curve (60μ, 125μ)
OD571
Core Dimensions
OD(max)
ID(min)
HT(max)
Before coating
(mm)
57.15
26.39
15.24
(inch)
2.250
1.039
0.600
After coating
(mm)
58.00
25.60
16.10
(Epoxy)
(inch)
2.285
1.007
0.635
Magnetic Dimensions
Cross Section
Path Length
Window Area
Volume
(A)
( )
(Wa)
(V)
2.29cm2
12.5cm
5.14cm2
28.6cm3
0.355in2
4.93in
1,014,049cmil
1.75in3
Winding Information
Single layer winding with 1 inch leads
AWG Wire
Single Layer
AWG Wire
Single Layer
No. Dia(cm)
Turn Rdc,
No. Dia(cm)
Turn Rdc,
10
11
12
13
14
15
16
17
18
0.267
0.238
0.213
0.190
0.171
0.153
0.137
0.122
0.109
26
30
34
39
43
49
55
62
70
0.00551
0.00801
0.0115
0.0165
0.0230
0.0330
0.0469
0.0664
0.0948
19
20
21
22
23
24
25
26
27
0.0980
0.0879
0.0785
0.0701
0.0632
0.0566
0.0505
0.0452
0.0409
78
88
99
111
124
138
156
174
193
0.133
0.189
0.269
0.381
0.534
0.752
1.07
1.51
2.10
Available Cores
Part No.
MPP
High Flux
Sendust
Mega Flux
Perm.
(μ)
AL
(nH/N2)
CM571026
CM571060
-
-
CM571125
CM571147
CM571160
-
-
CH571026
CH571060
-
-
CH571125
-
-
-
-
CS571026
CS571060
CS571075
CS571090
CS571125
-
-
-
-
CK571026
CK571060
CK571075
CK571090
-
-
-
-
-
60
138
172
206
287
306
333
-
-
26
60
75
90
125
147
160
173
200
ID 26.39mm
HT 15.24mm
AL vs NI Curve (60μ, 125μ)
OD 57.15mm / 2.250inches



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com