Electronic Components Datasheet Search
  English  ▼

X  

CS1016 Datasheet(PDF) 37 Page - List of Unclassifed Manufacturers

Part # CS1016
Description  MAGNETIC POWDER CORES
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CS1016 Datasheet(HTML) 37 Page - List of Unclassifed Manufacturers

Back Button CS1016 Datasheet HTML 33Page - List of Unclassifed Manufacturers CS1016 Datasheet HTML 34Page - List of Unclassifed Manufacturers CS1016 Datasheet HTML 35Page - List of Unclassifed Manufacturers CS1016 Datasheet HTML 36Page - List of Unclassifed Manufacturers CS1016 Datasheet HTML 37Page - List of Unclassifed Manufacturers CS1016 Datasheet HTML 38Page - List of Unclassifed Manufacturers CS1016 Datasheet HTML 39Page - List of Unclassifed Manufacturers CS1016 Datasheet HTML 40Page - List of Unclassifed Manufacturers CS1016 Datasheet HTML 41Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 42 page
background image
71 ::: Chang Sung Corporation
EQ CORES
• Small dimensions for large currents
• No magnetic flux leakage
• Excellent DC bias characteristics
• Good temperature stability
• Large energy storage capacity
• Small dimension DC/DC converters
• Large current choke coils
• Smoothing choke coils
• CPU cores for lap-top computers
Features
Applications
Product Identification
KEQ 41 28 A - 040
Height of EQ core
Length : 40mm
Available size : 21mm~ 65mm
Width : 28mm
Mega Flux EQ core
HEQ : High Flux, SEQ : Sendust
Available perm. 26, 40, 60μ
Permeability :40μ
KEQ 2014A
KEQ 2014B
KEQ 2619A
KEQ 2619B
KEQ 3222A
KEQ 3222B
KEQ 3626A
KEQ 4128A
KEQ 5032A
KEQ 6542A
Part No.
20.5
20.5
26.5
26.5
32.0
32.0
36.0
41.5
50.0
65.0
Dimensions(mm)
Path
Length
(cm)
Cross
Section
Area
(cm2)
AL value (nH/N2)
12%
A
B
C
D
E
F
026μ
040μ
060μ
14.0
14.0
19.0
19.0
22.0
22.0
26.0
28.0
32.0
42.0
8.1
10.1
10.1
12.4
10.3
15.2
17.4
19.9
25.0
30.0
8.8
8.8
12.0
12.0
13.5
13.5
14.4
14.9
20.0
26.0
18.0
18.0
22.6
22.6
27.6
27.6
32.0
36.5
44.0
57.2
5.7
7.7
6.8
9.1
6.6
11.5
13.4
15.4
19.5
22.8
4.52
5.32
5.47
6.39
6.03
7.99
9.47
11.52
13.34
16.53
0.608
0.608
1.198
1.198
1.523
1.523
1.808
1.997
3.141
5.309
44
37
72
61
83
62
62
57
77
105
68
57
110
94
127
96
96
87
118
161
101
86
165
141
190
144
144
131
178
242
HEQ(High Flux EQ Core), SEQ(Sendust EQ core) and customized designs are also available.
Magnetic Powder Cores :::
72
ER CORES
• Small dimensions for large currents
• No magnetic flux leakage
• Excellent DC bias characteristics
• Good temperature stability
• Large energy storage capacity
Features
• Small dimension DC/DC converters
• Large current choke coils
• Smoothing choke coils
• CPU cores for lap-top computers
Applications
Product Identification
RH 12 44 SC
Shape Number
Length : 12mm
Available size 8mm ~15mm
Height : 4.4mm
High Flux ER core
RK : Mega Flux
RH0721SC
RH0725SC
RH1028SC
RH1034SC
RH1237SC
RH1244SC
RH1539SC
RH1549SC
Part No.
7.6
7.6
10.1
10.1
12.7
12.7
15.2
15.2
Dimensions(mm)
Path
Length
(cm)
Cross
Section
Area
(cm2)
AL value (nH/N2)
15%
AB
C
D
E
F
2.1
2.5
2.8
3.4
3.7
4.4
3.9
4.9
2.88
2.88
3.85
3.85
4.85
4.85
5.76
5.76
6.5
6.5
8.65
8.65
10.8
10.8
12.96
12.96
1.15
1.55
1.75
2.35
2.45
3.15
2.35
3.35
2.82
2.82
3.76
3.76
4.7
4.7
5.64
5.64
1.39
1.55
1.73
1.97
2.19
2.47
2.45
2.85
0.117
0.117
0.206
0.206
0.329
0.329
0.468
0.468
37.1
33.3
52.3
45.9
66.1
58.6
83.9
72.1
RK(Mega Flux RK core) and customized designs are also available.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com