Electronic Components Datasheet Search
  English  ▼

X  

MN6556AS Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # MN6556AS
Description  Low Power 8-Bit CMOS D/A Converters for Image Processing
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MN6556AS Datasheet(HTML) 3 Page - Panasonic Semiconductor

  MN6556AS Datasheet HTML 1Page - Panasonic Semiconductor MN6556AS Datasheet HTML 2Page - Panasonic Semiconductor MN6556AS Datasheet HTML 3Page - Panasonic Semiconductor MN6556AS Datasheet HTML 4Page - Panasonic Semiconductor MN6556AS Datasheet HTML 5Page - Panasonic Semiconductor MN6556AS Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
A/D, D/C Converters for Image Signal Processing
MN6556A, MN6556AS
Pin Descriptions
Pin No.
Symbol
Function Description
1AVDD
Power supply for analog circuits
2AVDD
Power supply for analog circuits
3IO
Analog current output
4
VC
Capacitor connection
5
VIB
Capacitor connection
6
COMP
Phase compensation
7VREF
Reference voltage input pin
8IREF
Reference resistor
9AVSS
Ground for analog circuits
10
N.C.
No connection
11
N.C.
No connection
12
DVDD
Ground for digital circuits
13
CLK
Sampling clock
14
DB1
Digital input (MSB)
15
DB2
Digital input
16
DB3
Digital input
17
DB4
Digital input
18
DB5
Digital input
19
DB6
Digital input
20
DB7
Digital input
21
DB8
Digital input (LSB)
22
DVSS
Power supply for digital circuits
Absolute Maximum Ratings
Ta=25˚C
Parameter
Symbol
Rating
Unit
Power supply voltage for digital circuits
DVDD
– 0.3 to +7.0
V
Power supply voltage for analog circuits
AVDD
– 0.3 to +7.0
V
Input voltage
VI
DVSS – 0.3 to DVDD +0.3
V
Output voltage
VO
AVSS – 0.3 to AVDD +0.3
V
Operating ambient temperature
Topr
–20 to +70
˚C
Storage temperature
Tstg
–55 to +125
˚C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com