Electronic Components Datasheet Search
  English  ▼

X  

MN6556AS Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # MN6556AS
Description  Low Power 8-Bit CMOS D/A Converters for Image Processing
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MN6556AS Datasheet(HTML) 1 Page - Panasonic Semiconductor

  MN6556AS Datasheet HTML 1Page - Panasonic Semiconductor MN6556AS Datasheet HTML 2Page - Panasonic Semiconductor MN6556AS Datasheet HTML 3Page - Panasonic Semiconductor MN6556AS Datasheet HTML 4Page - Panasonic Semiconductor MN6556AS Datasheet HTML 5Page - Panasonic Semiconductor MN6556AS Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
A/D, D/C Converters for Image Signal Processing
MN6556A, MN6556AS
Low Power 8-Bit CMOS D/A Converters for Image Processing
Overview
The MN6556A and MN6556AS are 8-bit CMOS digi-
tal-to-analog converters with a maximum conversion rate
of 20 MSPS.
They use both a matrix cell and weighted current tech-
nology to achieve a low power consumption of only 50
mW. Output has an amplitude of one volt above the ground
level.
Features
Maximum conversion rate: 20 MSPS (min.)
Linearity error:
±0.3 LSB (typ.)
Differential linearity error:
±0.3 LSB (typ.)
Power supply voltage: 5.0
±0.5 V
Power consumption: 50 mW (typ.)
Full scale current: 5 mA (typ.)
Applications
Digital television
Digital video equipment
Digital image processing equipment
Measuring instrument
Pin Assignment
MN6556A : DIP022-P-0400
MN6556AS : SOP022-P-0375
(TOP VIEW)
AVDD
AVDD
IO
VC
VIB
COMP
VREF
IREF
AVSS
N.C.
N.C.
DVSS
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
CLK
DVDD
1
2
3
4
5
6
7
8
9
10
11
22
21
20
19
18
17
16
15
14
13
12


Similar Part No. - MN6556AS

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MN65531AS PANASONIC-MN65531AS Datasheet
52Kb / 6P
Low Power 6-Bit CMOS A/D Converter for Image Processing
MN65543 PANASONIC-MN65543 Datasheet
49Kb / 6P
Low Power 8-Bit CMOS A/D Converter for Image Processing
MN65543 PANASONIC-MN65543 Datasheet
49Kb / 6P
Low Power 8-Bit CMOS A/D Converter for Image Processing
MN655431SH PANASONIC-MN655431SH Datasheet
49Kb / 6P
Low Power 8-Bit CMOS A/D Converter for Image Processing
MN65543S PANASONIC-MN65543S Datasheet
49Kb / 6P
Low Power 8-Bit CMOS A/D Converter for Image Processing
More results

Similar Description - MN6556AS

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MN655431SH PANASONIC-MN655431SH Datasheet
49Kb / 6P
Low Power 8-Bit CMOS A/D Converter for Image Processing
MN65543S PANASONIC-MN65543S Datasheet
49Kb / 6P
Low Power 8-Bit CMOS A/D Converter for Image Processing
MN6557A PANASONIC-MN6557A Datasheet
43Kb / 6P
Low-Power-Consumption CMOS 10-Bit D/A Converters for Image Processing
MN657011H PANASONIC-MN657011H Datasheet
58Kb / 6P
Low Power 8-Bit, 3-Channel CMOS D/A Converter for Image Processing
MN657021F PANASONIC-MN657021F Datasheet
67Kb / 8P
Low Power 8-Bit, 3-Channel CMOS D/A Converter for Image Processing
MN65702H PANASONIC-MN65702H Datasheet
61Kb / 6P
Low Power 8-Bit, 3-Channel CMOS D/A Converter for Image Processing
MN6570F PANASONIC-MN6570F Datasheet
63Kb / 8P
Low Power 8-Bit, 3-Channel CMOS D/A Converters for Image Processing
MN65752H PANASONIC-MN65752H Datasheet
59Kb / 6P
Low Power 8-Bit, 2-Channel CMOS A/D Converter for Image Processing
MN6576H PANASONIC-MN6576H Datasheet
57Kb / 6P
Low Power 9-Bit CMOS A/D Converter for Image Processing
MN6577F PANASONIC-MN6577F Datasheet
71Kb / 8P
Low Power 10-Bit 3-Volt CMOS A/D Converters for Image Processing
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com