Electronic Components Datasheet Search
  English  ▼

X  

MN6556AS Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # MN6556AS
Description  Low Power 8-Bit CMOS D/A Converters for Image Processing
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MN6556AS Datasheet(HTML) 4 Page - Panasonic Semiconductor

  MN6556AS Datasheet HTML 1Page - Panasonic Semiconductor MN6556AS Datasheet HTML 2Page - Panasonic Semiconductor MN6556AS Datasheet HTML 3Page - Panasonic Semiconductor MN6556AS Datasheet HTML 4Page - Panasonic Semiconductor MN6556AS Datasheet HTML 5Page - Panasonic Semiconductor MN6556AS Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
MN6556A, MN6556AS
A/D, D/C Converters for Image Signal Processing
Recommended Operating Conditions
VDD=AVDD=DVDD=5.0V, VSS=AVSS=DVSS=0V, Ta=25˚C
Parameter
Symbol
min
typ
max
Unit
Power supply voltage
VDD
4.5
5.0
5.5
V
Reference voltage
VREF
1.8
V
Reference resistance
RREF
1.5
k
Ω
External compensation capacitor
CCOMP
1
µF
Output load resistance
ROUT
200
Ω
Digital input
"H" level
VIH
2.4
VDD
V
voltage
"L" level
VIL
VSS
0.8
V
Clock
"H" level pulse width
tWH
20
ns
"L" level pulse width
tWL
20
ns
Electrical Characteristics
DVDD=AVDD=5.0V, DVSS=AVSS=0V, Ta=25˚C
Parameter
Symbol
Conditions
min
typ
max
Unit
Power supply voltage
IDD
10
20
mA
Resolution
RES
8
bit
Linearity error
EL
RREF=1.5kΩ, ROUT=200Ω±0.3
±0.5
LSB
Differential linearity error
ED
VREF=1.8V
±0.3
±0.5
LSB
Full scale current
IFS
RREF=1.5kΩ, VREF=1.8V
4.5
5.0
5.5
mA
Setup time
tS
15
ns
Hold time
tH
15
ns
Settling time
tST
RREF=1.5kΩ, ROUT=200Ω
50
ns
Maximum conversion speed
FC(max.) VREF=1.8V
20
MSPS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com