Electronic Components Datasheet Search
  English  ▼

X  

HT46R52 Datasheet(PDF) 17 Page - Holtek Semiconductor Inc

Part # HT46R52
Description  A/D Type 8-Bit OTP MCU
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R52 Datasheet(HTML) 17 Page - Holtek Semiconductor Inc

Back Button HT46R52 Datasheet HTML 13Page - Holtek Semiconductor Inc HT46R52 Datasheet HTML 14Page - Holtek Semiconductor Inc HT46R52 Datasheet HTML 15Page - Holtek Semiconductor Inc HT46R52 Datasheet HTML 16Page - Holtek Semiconductor Inc HT46R52 Datasheet HTML 17Page - Holtek Semiconductor Inc HT46R52 Datasheet HTML 18Page - Holtek Semiconductor Inc HT46R52 Datasheet HTML 19Page - Holtek Semiconductor Inc HT46R52 Datasheet HTML 20Page - Holtek Semiconductor Inc HT46R52 Datasheet HTML 21Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 42 page
background image
HT46R51/HT46R52
Rev. 1.40
17
July 12, 2005
Bit No. Label
Function
0
1
2
ACS0
ACS1
ACS2
Defines the analog channel select
3
4
5
PCR0
PCR1
PCR2
Defines the port B configuration se-
lect. If PCR0, PCR1 and PCR2 are all
zero, the ADC circuit is powered off to
reduce power consumption
6
EOCB
Indicates end of A/D conversion.
(0= end of A/D conversion)
Each time bits 3~5 change state the
A/D should be initialised by issuing a
START signal, otherwise the EOCB
flag may have an undefined condition.
See
²Important note for A/D initialis-
ation
².
7
START
Starts the A/D conversion.
0
®1®0= Start
0
®1= Reset A/D converter and set
EOCB to
²1².
ADCR (22H) Register
ACS2
ACS1
ACS0
Analog Channel
000
AN0
001
AN1
010
AN2
011
AN3
100
AN4
101
*
110
*
111
*
Analog Input Channel Selection
Note: * undefined, cannot be used
Register
Bit7 Bit6 Bit5 Bit4 Bit3 Bit2 Bit1 Bit0
ADRL (20H) D3
D2
D1
D0
0000
ADRH (21H) D11 D10 D9
D8
D7
D6
D5
D4
Note:
D0~D11 is A/D conversion result data bit
LSB~MSB.
PCR2
PCR1
PCR0
43210
0
0
0
PB4
PB3
PB2
PB1
PB0
0
0
1
PB4
PB3
PB2
PB1
AN0
0
1
0
PB4
PB3
PB2
AN1
AN0
0
1
1
PB4
PB3
AN2
AN1
AN0
1
0
0
PB4
AN3
AN2
AN1
AN0
1
0
1
AN4
AN3
AN2
AN1
AN0
110
Undefined, cannot be used
111
Port B Configuration
t A D C
A / D c o n v e r s i o n t i m e
t A D C
A / D c o n v e r s i o n t i m e
t A D C
A / D c o n v e r s i o n t i m e
0 0 0 B
0 0 0 B
1 0 0 B
0 1 0 B
S T A R T
E O C B
P C R 2 ~
P C R 0
A C S 2 ~
A C S 0
P o w e r - o n
R e s e t
E n d o f A / D
c o n v e r s i o n
1 : D e f i n e P B c o n f i g u r a t i o n
2 : S e l e c t a n a l o g c h a n n e l
A / D c l o c k m u s t b e f S Y S / 2 , f S Y S / 8 o r f S Y S / 3 2
t A D C S = 3 2 t A D
t A D C = 8 0 t A D
N o t e :
S t a r t o f A / D
c o n v e r s i o n
R e s e t A / D
c o n v e r t e r
A / D s a m p l i n g t i m e
t A D C S
1 0 0 B
0 0 0 B
S t a r t o f A / D
c o n v e r s i o n
R e s e t A / D
c o n v e r t e r
0 0 0 B
1 . P B p o r t s e t u p a s I / O s
2 . A / D c o n v e r t e r i s p o w e r e d o f f
t o r e d u c e p o w e r c o n s u m p t i o n
1 0 1 B
0 0 1 B
S t a r t o f A / D
c o n v e r s i o n
R e s e t A / D
c o n v e r t e r
d o n ' t c a r e
E n d o f A / D
c o n v e r s i o n
E n d o f A / D
c o n v e r s i o n
M i n i m u m o n e i n s t r u c t i o n c y c l e n e e d e d , M a x i m u m t e n i n s t r u c t i o n c y c l e s a l l o w e d
A / D s a m p l i n g t i m e
t A D C S
A / D s a m p l i n g t i m e
t A D C S
A/D Conversion Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com