Electronic Components Datasheet Search
  English  ▼

X  

HT46R52 Datasheet(PDF) 20 Page - Holtek Semiconductor Inc

Part # HT46R52
Description  A/D Type 8-Bit OTP MCU
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R52 Datasheet(HTML) 20 Page - Holtek Semiconductor Inc

Back Button HT46R52 Datasheet HTML 16Page - Holtek Semiconductor Inc HT46R52 Datasheet HTML 17Page - Holtek Semiconductor Inc HT46R52 Datasheet HTML 18Page - Holtek Semiconductor Inc HT46R52 Datasheet HTML 19Page - Holtek Semiconductor Inc HT46R52 Datasheet HTML 20Page - Holtek Semiconductor Inc HT46R52 Datasheet HTML 21Page - Holtek Semiconductor Inc HT46R52 Datasheet HTML 22Page - Holtek Semiconductor Inc HT46R52 Datasheet HTML 23Page - Holtek Semiconductor Inc HT46R52 Datasheet HTML 24Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
HT46R51/HT46R52
Rev. 1.40
20
July 12, 2005
Options
The following shows kinds of options in the device. ALL the options must be defined to ensure having a proper function-
ing system.
Options
OSC type selection.
This option is to decide if an RC or crystal oscillator is chosen as system clock.
WDT source selection.
There are three types of selection: on-chip RC oscillator, instruction clock or disable the WDT.
CLRWDT times selection.
This option defines how to clear the WDT by instruction.
²One time² means that the ²CLR WDT² instruction can clear
the WDT.
²Two times² means only if both of the ²CLR WDT1² and ²CLR WDT2² instructions have been executed,
then WDT can be cleared.
Wake-up selection.
This option defines the wake-up function activity. External I/O pins (PA only) all have the capability to wake-up the
chip from a HALT by a falling edge. (Bit option)
Pull-high selection.
This option is to decide whether a pull-high resistance is visible or not in the input mode of the I/O ports. PA, PB and
PD are bit option.
PFD selection.
PA3: Level output or PFD output.
PWM selection.
PD0: level output or PWM output
LVR selection.
Enable or disable LVR function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com