Electronic Components Datasheet Search
  English  ▼

X  

HT46C232 Datasheet(PDF) 12 Page - Holtek Semiconductor Inc

Part # HT46C232
Description  A/D Type 8-Bit MCU
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46C232 Datasheet(HTML) 12 Page - Holtek Semiconductor Inc

Back Button HT46C232 Datasheet HTML 8Page - Holtek Semiconductor Inc HT46C232 Datasheet HTML 9Page - Holtek Semiconductor Inc HT46C232 Datasheet HTML 10Page - Holtek Semiconductor Inc HT46C232 Datasheet HTML 11Page - Holtek Semiconductor Inc HT46C232 Datasheet HTML 12Page - Holtek Semiconductor Inc HT46C232 Datasheet HTML 13Page - Holtek Semiconductor Inc HT46C232 Datasheet HTML 14Page - Holtek Semiconductor Inc HT46C232 Datasheet HTML 15Page - Holtek Semiconductor Inc HT46C232 Datasheet HTML 16Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 50 page
background image
HT46R232/HT46C232
Rev. 1.40
12
November 23, 2005
CLRWDT times equal one), any execution of the CLR
WDT instruction will clear the WDT. In case
²CLR
WDT1
² and ²CLR WDT2² are chosen (i.e. CLRWDT
times equal two), these two instructions must be exe-
cuted to clear the WDT; otherwise, the WDT may reset
the chip because of time-out.
If the WDT time-out period is selected fs/2
12 (option), the
WDT time-out period ranges from fs/2
12~f
s/2
13, since the
²CLR WDT² or ²CLR WDT1² and ²CLR WDT2²
instructions only clear the last two stages of the WDT.
Power Down Operation
- HALT
The HALT mode is initialized by the
²HALT² instruction
and results in the following...
· The system oscillator turned off but the WDT oscillator
keeps running (if the WDT oscillator or the real time
clock is selected).
· The contents of the on-chip RAM and registers remain
unchanged
· The WDT will be cleared and start recounting (if the
WDT clock source is from the WDT oscillator or the
real time clock)
· All of the I/O ports maintain their original status
· The PDF flag is set and the TO flag is cleared
The system quits the HALT mode by an external reset,
an interrupt, an external falling edge signal on port A or a
WDT overflow. An external reset causes a device initial-
ization and the WDT overflow performs a
²warm reset².
After examining the TO and PDF flags, the reason for
chip reset can be determined. The PDF flag is cleared
by system power-up or by executing the
²CLR WDT² in-
struction and is set when executing the
²HALT² instruc-
tion. On the other hand, the TO flag is set if the WDT
time-out occurs, and causes a wake-up that only resets
the program counter and SP; and leaves the others in
their original status.
The port A wake-up and interrupt methods can be con-
sidered as a continuation of normal execution. Each bit
in port A can be independently selected to wake up the
device by the option. Awakening from an I/O port stimu-
lus, the program will resume execution of the next in-
struction. If it is awakening from an interrupt, two
sequences may occur. If the related interrupt is disabled
or the interrupt is enabled but the stack is full, the pro-
gram will resume execution at the next instruction. But if
the interrupt is enabled and the stack is not full, the regu-
lar interrupt response takes place. When an interrupt re-
quest flag is set to
²1² before entering the HALT mode,
the wake-up function of the related interrupt will be dis-
abled. If wake-up event occurs, it takes 1024 fSYS (sys-
tem clock period) to resume normal operation. In other
words, a dummy period is inserted after wake-up. If the
wake-up results from an interrupt acknowledgment, the
actual interrupt subroutine execution is delayed by more
than one cycle. However, if the wake-up results in the
next instruction execution, this will be executed per-
formed immediately after the dummy period is finished.
To minimize power consumption, all the I/O pins should
be carefully managed before entering the HALT status.
Reset
There are three ways in which a reset may occur:
· RES reset during normal operation
· RES reset during HALT
· WDT time-out reset during normal operation
The WDT time-out during HALT differs from other chip
reset conditions, for it can perform a
²warm reset² that
resets only the program counter and SP, leaves the
other circuits at their original state. Some registers re-
main unaffected during any other reset conditions. Most
registers are reset to the
²initial condition² when the re-
set conditions are met. Examining the PDF and TO
flags, the program can distinguish between different
²chip resets².
f s / 2
8
S y s t e m C l o c k / 4
D i v i d e r
W D T P r e s c a l e r
M a s k O p t i o n
M a s k
o p t i o n
s e l e c t
W D T
O S C
f s
C K
R
T
C K
R
T
W D T C l e a r
T i m e - o u t R e s e t
2 / f S ~ 2 / f S
2 / f S ~ 2 / f S
2 / f S ~ 2 / f S
2 / f S ~ 2 / f S
1 5
1 6
1 4
1 5
1 3
1 4
1 2
1 3
Watchdog Timer
R E S
V D D
1 0 0 k W
1 0 k W
0 . 1 m F *
0 . 0 1 m F *
Reset Circuit
Note:
²*² Make the length of the wiring, which is con-
nected to the RES pin as short as possible, to
avoid noise interference.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com