Electronic Components Datasheet Search
  English  ▼

X  

HT46C232 Datasheet(PDF) 26 Page - Holtek Semiconductor Inc

Part # HT46C232
Description  A/D Type 8-Bit MCU
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46C232 Datasheet(HTML) 26 Page - Holtek Semiconductor Inc

Back Button HT46C232 Datasheet HTML 22Page - Holtek Semiconductor Inc HT46C232 Datasheet HTML 23Page - Holtek Semiconductor Inc HT46C232 Datasheet HTML 24Page - Holtek Semiconductor Inc HT46C232 Datasheet HTML 25Page - Holtek Semiconductor Inc HT46C232 Datasheet HTML 26Page - Holtek Semiconductor Inc HT46C232 Datasheet HTML 27Page - Holtek Semiconductor Inc HT46C232 Datasheet HTML 28Page - Holtek Semiconductor Inc HT46C232 Datasheet HTML 29Page - Holtek Semiconductor Inc HT46C232 Datasheet HTML 30Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 50 page
background image
HT46R232/HT46C232
Rev. 1.40
26
November 23, 2005
Start Signal
The START signal is generated only by the master de-
vice. The other device in the bus must detect the START
signal to set the I
2C Bus busy bit (HBB). The START sig-
nal is SDA line from high to low, when SCL is high.
Slave Address
The master must select a device for transferring the
data by sending the slave device address after the
START signal. All device in the I
2C Bus will receive the
I
2C Bus slave address (7 bits) to compare with its own
slave address (7 bits). If the slave address is matched,
the slave device will generate an interrupt and save the
following bit (8th bit) to SRW bit and sends an acknowl-
edge bit (low level) to the 9th bit. The slave device also
sets the status flag (HAAS), when the slave address is
matched.
In interrupt subroutine, check HAAS bit to know whether
the I
2C Bus interrupt comes from a slave address that is
matched or a data byte transfer is completed. When the
slave address is matched, the device must be in trans-
mit mode or receive mode and write data to HDR or
dummy read from HDR to release the SCL line.
SRW Bit
The SRW bit means that the master device wants to
read from or write to the I
2C Bus. The slave device
check this bit to understand itself if it is a transmitter or a
receiver. The SRW bit is set to
²1² means that the mas-
ter wants to read data from the I
2C Bus, so the slave de-
vice must write data to a bus as a transmitter. The SRW
is cleared to
²0² means that the master wants to write
data to the I
2C Bus, so the slave device must read data
from the I
2C Bus as a receiver.
Acknowledge Bit
One of the slave device generates an acknowledge signal,
when the slave address is matched. The master device
can check this acknowledge bit to know if the slave device
accepts the calling address. If no acknowledge bit, the
master must send a STOP bit and end the communication.
When the I
2C Bus status register bit 6 HAAS is high, it
means the address is matched, so the slave must check
SRW as a transmitter (set HTX) to
²1² or as a receiver
(clear HTX) to
²0².
Data Byte
The data is 8 bits and is sent after the slave device has
acknowledged the slave address. The first bit is MSB
and the 8th bit is LSB. The receiver sends the acknowl-
edge signal (
²0²) and continues to receive the next one
byte data. If the transmitter checks and there
¢snoac-
knowledge signal, then it release the SDA line, and the
master sends a STOP signal to release the I
2C Bus. The
data is stored in the HDR register. The transmitter must
write data to the HDR before transmitting data and the
receiver must read data from the HDR after receiving
data.
Receive Acknowledge Bit
When the receiver wants to continue to receive the next
data byte, it generates an acknowledge bit (TXAK) at
the 9th clock. The transmitter checks the acknowledge
bit (RXAK) to continue to write data to the I
2C Bus or
change to receive mode and dummy read the HDR reg-
ister to release the SDA line and the master sends the
STOP signal.
S C L
S D A
S t a r t b i t
D a t a
s t a b l e
D a t a
a l l o w
c h a n g e
S t o p b i t
Data Timing Diagram
S C L
S D A
Start Bit
S C L
S D A
Stop Bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com