Electronic Components Datasheet Search
  English  ▼

X  

HT46C232 Datasheet(PDF) 16 Page - Holtek Semiconductor Inc

Part # HT46C232
Description  A/D Type 8-Bit MCU
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46C232 Datasheet(HTML) 16 Page - Holtek Semiconductor Inc

Back Button HT46C232 Datasheet HTML 12Page - Holtek Semiconductor Inc HT46C232 Datasheet HTML 13Page - Holtek Semiconductor Inc HT46C232 Datasheet HTML 14Page - Holtek Semiconductor Inc HT46C232 Datasheet HTML 15Page - Holtek Semiconductor Inc HT46C232 Datasheet HTML 16Page - Holtek Semiconductor Inc HT46C232 Datasheet HTML 17Page - Holtek Semiconductor Inc HT46C232 Datasheet HTML 18Page - Holtek Semiconductor Inc HT46C232 Datasheet HTML 19Page - Holtek Semiconductor Inc HT46C232 Datasheet HTML 20Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 50 page
background image
HT46R232/HT46C232
Rev. 1.40
16
November 23, 2005
The bit0~bit2 of the TMR0C can be used to define the pre-scaling stages of the internal clock sources of timer/event
counter. The definitions are as shown. The overflow signal of timer/event counter can be used to generate the PFD sig-
nal. The timer prescaler is also used as the PWM counter.
Bit No.
Label
Function
0
1
2
T0PSC0
T0PSC1
T0PSC2
Defines the prescaler stages, T0PSC2, T0PSC1, T0PSC0=
000: fINT=fSYS
001: fINT=fSYS/2
010: fINT=fSYS/4
011: fINT=fSYS/8
100: fINT=fSYS/16
101: fINT=fSYS/32
110: fINT=fSYS/64
111: fINT=fSYS/128
3
T0E
Defines the TMR0 active edge of the timer/event counter:
In Event Counter Mode (T0M1,T0M0)=(0,1):
1:count on falling edge;
0:count on rising edge
In Pulse Width measurement mode (T0M1,T0M0)=(1,1):
1: start counting on the rising edge, stop on the falling edge;
0: start counting on the falling edge, stop on the rising edge
4
T0ON
Enable/disable timer counting (0=disabled; 1=enabled)
5
¾
Unused bit, read as
²0²
6
7
T0M0
T0M1
Defines the operating mode, T0M1, T0M0:
01=Event count mode (external clock)
10=Timer mode (internal clock)
11=Pulse width measurement mode
00=Unused
TMR0C (0EH) Register
Bit No.
Label
Function
0~2
¾
Unused bit, read as
²0²
3
T1E
Defines the TMR1 active edge of the timer/event counter:
In Event Counter Mode (T1M1,T1M0)=(0,1):
1:count on falling edge;
0:count on rising edge
In Pulse Width measurement mode (T1M1,T1M0)=(1,1):
1: start counting on the rising edge, stop on the falling edge;
0: start counting on the falling edge, stop on the rising edge
4
T1ON
Enable/disable timer counting (0=disabled; 1=enabled)
5
¾
Unused bit, read as
²0²
6
7
T1M0
T1M1
Defines the operating mode, T1M1, T1M0:
01=Event count mode (external clock)
10=Timer mode (internal clock)
11=Pulse width measurement mode
00=Unused
TMR1C (11H) Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com