Electronic Components Datasheet Search
  English  ▼

X  

TAA4100 Datasheet(PDF) 11 Page - Tripath Technology Inc.

Part # TAA4100
Description  FOUR CHANNEL CLASS-T DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPATH [Tripath Technology Inc.]
Direct Link  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TAA4100 Datasheet(HTML) 11 Page - Tripath Technology Inc.

Back Button TAA4100 Datasheet HTML 7Page - Tripath Technology Inc. TAA4100 Datasheet HTML 8Page - Tripath Technology Inc. TAA4100 Datasheet HTML 9Page - Tripath Technology Inc. TAA4100 Datasheet HTML 10Page - Tripath Technology Inc. TAA4100 Datasheet HTML 11Page - Tripath Technology Inc. TAA4100 Datasheet HTML 12Page - Tripath Technology Inc. TAA4100 Datasheet HTML 13Page - Tripath Technology Inc. TAA4100 Datasheet HTML 14Page - Tripath Technology Inc. TAA4100 Datasheet HTML 15Page - Tripath Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Tri p ath Techn o l o g y, I n c. - Techn i cal I n fo rmati o n
11
TAA4100 – KL/ Rev. 0.97/04.05
Typical Performance (continued)
0
10
20
30
40
50
60
70
80
0
25
50
75
100
125
150
Total Output Power (W)
175
200
225
Efficiency and Power Dissipation versus
Total output Power
V
PP = 14.4V
R
L = 2Ω
f = 1kHz
BW = 22Hz - 20kHz(AES17)
Power Dissipation
Efficiency
0
10
20
30
40
50
60
70
80
250
T
0.001
100
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
20
50
%
1
2
5
10
20
50
100
W
R
L = 8Ω
f = 1Khz
BW = 22Hz - 20kHz(AES17)
THD+N versus Output Power
V
PP = 14.4V
V
PP = 25V
-120
+0
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
d
B
V
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
V
PP = 25V
R
L = 4Ω
32k FFT
F
S = 65kHz
BW = 22Hz - 20kHz(AES17)
Noise Floor
T
T
T
T
T
T
T
-100
+0
-90
-80
-70
-60
-50
-40
-30
-20
-10
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
d
B
r
A
V
PP = 25V
R
L = 4Ω
P
O = 1W
BW = 22Hz - 20kHz
Channel Separation
0
10
20
30
40
50
60
70
80
10
12
14
26
16
24
18
22
20
Output Power versus Supply Voltage
Supply Voltage (V)
THD+N = SSW
THD+N = 10%
THD+N = 1%
R
L = 4Ω
f = 1kHz
BW= 22Hz - 20kHz(AES17)
90
100
110
120
0
10
20
30
40
50
60
70
80
10
11
12
13
14
16
15
Output Power versus Supply Voltage
Supply Voltage (V)
THD+N = SSW
THD+N = 10%
THD+N = 1%
R
L = 2Ω
f = 1kHz
BW= 22Hz - 20kHz(AES17)
90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com