Electronic Components Datasheet Search
  English  ▼

X  

TAA4100 Datasheet(PDF) 16 Page - Tripath Technology Inc.

Part # TAA4100
Description  FOUR CHANNEL CLASS-T DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPATH [Tripath Technology Inc.]
Direct Link  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TAA4100 Datasheet(HTML) 16 Page - Tripath Technology Inc.

Back Button TAA4100 Datasheet HTML 12Page - Tripath Technology Inc. TAA4100 Datasheet HTML 13Page - Tripath Technology Inc. TAA4100 Datasheet HTML 14Page - Tripath Technology Inc. TAA4100 Datasheet HTML 15Page - Tripath Technology Inc. TAA4100 Datasheet HTML 16Page - Tripath Technology Inc. TAA4100 Datasheet HTML 17Page - Tripath Technology Inc. TAA4100 Datasheet HTML 18Page - Tripath Technology Inc. TAA4100 Datasheet HTML 19Page - Tripath Technology Inc. TAA4100 Datasheet HTML 20Page - Tripath Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
Tri p ath Techn o l o g y, I n c. - Techn i cal I n fo rmati o n
16
TAA4100 – KL/ Rev. 0.97/04.05
OVER-TEMPERATURE PROTECTION
An over-temperature FAULT occurs if the junction temperature of the part exceeds 160
°C (typical). The
thermal hysteresis is approximately 30
°C, therefore the fault will automatically clear when the junction
temperature drops below 130
°C.
SLEEP PIN (Active LOW)
The SLEEPB (SLEEP) pin is a logic input that when pulled low puts the TAA4100 into a low quiescent
current mode. This pin must be pulled up to an external 3.3V or 5V supply to activate (disable sleep
mode) the TAA4100. The sleep pin cannot be pulled up to VPP due to internal circuitry limitations. The
amplifier takes approximately 500mS to come out of sleep. This period of time allows the input capacitor
to charge fully assuming a value of 0.47uF. If the input capacitor size is increased, then additional time
will be required to allow for the input capacitor to fully charge. To ensure that turn on is pop-free, the
input capacitor must be fully charged before MUTEB is pulled high.
MUTEB PIN
The MUTEB pin is a logic input that mutes the TAA4100. Pulling this pin low activates the mute circuitry.
Pulling the pin high enables output switching and amplification. Please note that the input stage is still
biased at approximately 2.5V, even when MUTEB pin is low. This keeps the BIASCAP, CB and input
coupling capacitors, CI, completely charged. This allows for a clean transition from mute to on, and vice-
versa, which eliminates turn-on/off pops. Please note that DC calibration is done every time MUTEB
transitions from low to high. The DC calibration takes approximately 6mS.
FAULT PIN
The FAULT pin is a logic output that indicates various fault conditions within the device. These conditions
include: over-voltage, under-voltage, over-current at any output, low charge pump voltage, low 5V
regulator voltage, and over-temperature (junction temperature greater than approximately 160
°C).
The FAULT pin is an open drain output. The recommended pull-up to an external 3.3V or 5V supply is
51k
Ω. Alternatively, this pin can be pulled up to VPP through a 51kΩ resistor. A logic high on this pin
indicates a fault condition. This pin has a 1mA maximum sink current capability.
HMUTEB PIN
The HMUTEB pin is a logic output that indicates if the TAA4100 is muted. This mute state can be simply
caused a low state on the MUTEB pin or by various fault conditions within the TAA4100. A logic low on
the HMUTEB pin indicates the TAA4100 is muted.
TURN-ON AND TURN-OFF NOISE
If turn-on or turn-off noise is present in a TAA4100 amplifier, the cause is frequently due to other circuitry
external to the TAA4100. The TAA4100 has extremely sophisticated turn on and off pop suppression
circuitry that will eliminate “pops’ in nearly all configurations. It is recommended that the MUTEB pin is
pulled low during power-up and power-down of the VPP supply. In addition, MUTEB must be held low
until the input capacitor is fully charged. Thus, a power on sequence as follows is recommended. First,
power up the TAA4100 with SLEEPB and MUTEB low. Pull SLEEPB high and let input capacitor charge
(minimum sleep time is about 500mS). Then, pull MUTEB high. On power off, MUTEB should be pulled
low and then the power supply voltage removed. It is not necessary to activate SLEEPB on power down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com