Electronic Components Datasheet Search
  English  ▼

X  

TAA4100 Datasheet(PDF) 3 Page - Tripath Technology Inc.

Part # TAA4100
Description  FOUR CHANNEL CLASS-T DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPATH [Tripath Technology Inc.]
Direct Link  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TAA4100 Datasheet(HTML) 3 Page - Tripath Technology Inc.

  TAA4100 Datasheet HTML 1Page - Tripath Technology Inc. TAA4100 Datasheet HTML 2Page - Tripath Technology Inc. TAA4100 Datasheet HTML 3Page - Tripath Technology Inc. TAA4100 Datasheet HTML 4Page - Tripath Technology Inc. TAA4100 Datasheet HTML 5Page - Tripath Technology Inc. TAA4100 Datasheet HTML 6Page - Tripath Technology Inc. TAA4100 Datasheet HTML 7Page - Tripath Technology Inc. TAA4100 Datasheet HTML 8Page - Tripath Technology Inc. TAA4100 Datasheet HTML 9Page - Tripath Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Tri p ath Techn o l o g y, I n c. - Techn i cal I n fo rmati o n
3
TAA4100 – KL/ Rev. 0.97/04.05
Electrical Characteristics (Note 8)
TA = 25°C. Unless otherwise noted, the supply voltage is VPP = 14.4V. See Application/Test Circuit.
Note 8: Minimum and maximum limits are guaranteed but may not be 100% tested.
Performance Characteristics (Note 8)
TA = 25°C. Unless otherwise noted, the supply voltage is VPP = 14.4V, RL = 4Ω. Measurement
Bandwidth = 20kHz. See Application/Test Circuit.
SYMBOL
PARAMETER
Conditions
MIN.
TYP.
MAX.
UNITS
RIN
Input Impedance
43
50
57
k
Ω
IQ
Quiescent Current
No load
220
250
mA
ISTBY
Stand-By Current
VSLEEPB < 0.15V
100
200
uA
VIL
Stand-By On Threshold Voltage
SLEEPB Low (amp off)
0.5
V
VIH
Stand-By Off Threshold Voltage
SLEEPB High (amp on)
2.3
V
VIL
Mute-On Threshold Voltage
MUTEB pin Low
1
V
VIH
Mute-Off Threshold Voltage
MUTEB pin High
2.3
V
VOS
Output Offset Voltage
(Mute Off) DC trim active
+3
+25
mV
VOH
Fault Reporting Logic Output High Voltage Open Drain Output
3.5
V
VOL
Fault Reporting Logic Output Low Voltage RFAULT = 51KΩ
1
V
VIH
AM Mode On Threshold Voltage
AM pin High
2.3
V
VIL
AM Mode Off Threshold Voltage
AM pin Low
1
V
IAM
AM Mode Pin Input Current
1
µA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNITS
POUT
Output Power
(Continuous power/ channel)
VPP=25V sat. sq. wave
VPP=25V THD+N=10%
VPP=25V THD+N=1%
VPP=14.4V sat. sq. wave, RL = 2Ω
VPP=14.4V THD+N=10%, RL = 2Ω
VPP=14.4V THD+N=1%, RL = 2Ω
VPP=14.4V sat. sq. wave
VPP=14.4V THD+N=10%
VPP=14.4V THD+N=1%
100
80
65
62
45
36
40
28
22
W
W
W
W
W
W
W
W
W
AV
Voltage Gain VOUT/VIN, RIN = 0Ω
28.7
29.7
30.7
dB
THD + N
Total Harmonic Distortion Plus
Noise
POUT = 10W/Channel, RL = 4Ω
BW = 22Hz-20kHz(AES17)
0.01
%
IHF-IM
IHF Intermodulation Distortion
19kHz, 20kHz, 1:1 (IHF)
POUT = 1W/Channel
0.01
%
SNR
Signal-to-Noise Ratio
A-Weighted, POUT = 100W/Channel,
VPP=25V
97
dB
PSRR
Power Supply Rejection Ratio
VPP=14.4V, Ripple=200mV, f= 1kHz
60
dB
η
Power Efficiency
Vs=25.0V, 4 x 100W sat sq wave
88
%
CS
Channel Separation
Po=1W, f = 1kHz
Po=1W, f = 10kHz
80
65
dB
dB
enOUT
Output Noise Voltage
A-Weighted
200
µV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com