Electronic Components Datasheet Search
  English  ▼

X  

MS5534AM Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # MS5534AM
Description  BAROMETER MODULE
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MS5534AM Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  MS5534AM Datasheet HTML 1Page - List of Unclassifed Manufacturers MS5534AM Datasheet HTML 2Page - List of Unclassifed Manufacturers MS5534AM Datasheet HTML 3Page - List of Unclassifed Manufacturers MS5534AM Datasheet HTML 4Page - List of Unclassifed Manufacturers MS5534AM Datasheet HTML 5Page - List of Unclassifed Manufacturers MS5534AM Datasheet HTML 6Page - List of Unclassifed Manufacturers MS5534AM Datasheet HTML 7Page - List of Unclassifed Manufacturers MS5534AM Datasheet HTML 8Page - List of Unclassifed Manufacturers MS5534AM Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
DA5534_022.doc
July 17th, 2002
4
ECN493
ELECTRICAL CHARACTERISTICS
Digital inputs
(T=-40°C .. 60°C)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Input High Voltage
VIH
VDD = 2.2…3.6V
80%
VDD
100%
VDD
V
Input Low Voltage
VIL
VDD = 2.2…3.6 V
0%
VDD
20%
VDD
V
Signal Rise Time
tR
200
ns
Signal Fall Time
tf
200
ns
Digital outputs
(T=-40°C .. 60°C, VDD = 2.2V..3.6V)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Output High Voltage
VOH
ISource = 0.6 mA
75%
VDD
100%
VDD
V
Output Low Voltage
VOL
ISink = 0.6 mA
0%
VDD
20%
VDD
V
Signal Rise Time
tr
200
ns
Signal Fall Time
tf
200
ns
AD-converter
(T=25°C, VDD =3.0V)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Resolution (1)
15
Bit
Conversion Time
MCLK=32768Hz
35
ms
Accuracy (2)
27
LSB
Notes:
7.
The ADC output range is from 5,000 counts to 37,000 counts, thus providing a 16-Bit output word.
8.
Accuracy limited by the non-linearity of the ADC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com