Electronic Components Datasheet Search
  English  ▼

X  

MS5534AM Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MS5534AM
Description  BAROMETER MODULE
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MS5534AM Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MS5534AM Datasheet HTML 1Page - List of Unclassifed Manufacturers MS5534AM Datasheet HTML 2Page - List of Unclassifed Manufacturers MS5534AM Datasheet HTML 3Page - List of Unclassifed Manufacturers MS5534AM Datasheet HTML 4Page - List of Unclassifed Manufacturers MS5534AM Datasheet HTML 5Page - List of Unclassifed Manufacturers MS5534AM Datasheet HTML 6Page - List of Unclassifed Manufacturers MS5534AM Datasheet HTML 7Page - List of Unclassifed Manufacturers MS5534AM Datasheet HTML 8Page - List of Unclassifed Manufacturers MS5534AM Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
DA5534_022.doc
July 17th, 2002
1
ECN493
MS5534A
BAROMETER MODULE
♦ Integrated pressure sensor
♦ Pressure range 300-1100 mbar
♦ 15 Bit ADC
♦ 6 coefficients for a software
compensation stored on-chip
♦ 3-wire serial interface
♦ 1 system clock line (32.768 kHz)
♦ Low voltage / low power
DESCRIPTION
The MS5534A is a SMD-hybrid device including a piezoresistive pressure sensor and an ADC-Interface IC. It
provides a 16 Bit data word from a pressure- and temperature-dependent voltage. Additionally the module
contains 6 readable coefficients for a highly accurate software calibration of the sensor. MS5534A is a low-
power, low-voltage device with automatic power down (ON/OFF) switching. A 3-wire interface is used for all
communications with a microcontroller. Sensor packaging options are plastic or metal cap.
FEATURES
APPLICATIONS
•••• 15-Bit ADC resolution
•••• Mobile altimeter/barometer systems
•••• Supply voltage 2.2 V to 3.6 V
•••• Weather control systems
•••• Low Supply current
•••• Adventure or multi-mode watches
•••• -40°C to +60°C
•••• GPS Receivers
•••• Small size
•••• No external components required
BLOCK DIAGRAM
VDD
GND
MCLK
SCLK
DOUT
DIN
Input MUX
ADC
Digital
Interface
Memory
(PROM)
64 bits
SENSOR
SGND
+IN
-IN
dig.
Filter
Sensor
Interface IC
Fig.: 1 Block Diagram 5534


Similar Part No. - MS5534AM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MS5534-BM ETC-MS5534-BM Datasheet
1,015Kb / 21P
BAROMETER MODULE
logo
Intersema Sensoric SA
MS5534-BM INTERSEMA-MS5534-BM Datasheet
958Kb / 21P
BAROMETER MODULE
logo
List of Unclassifed Man...
MS5534-BP ETC-MS5534-BP Datasheet
1,015Kb / 21P
BAROMETER MODULE
logo
Intersema Sensoric SA
MS5534-BP INTERSEMA-MS5534-BP Datasheet
958Kb / 21P
BAROMETER MODULE
MS5534-CM INTERSEMA-MS5534-CM Datasheet
769Kb / 21P
BAROMETER MODULE
More results

Similar Description - MS5534AM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MS5534B ETC-MS5534B Datasheet
1,015Kb / 21P
BAROMETER MODULE
logo
Intersema Sensoric SA
MS5534B INTERSEMA-MS5534B_1 Datasheet
958Kb / 21P
BAROMETER MODULE
MS5540B INTERSEMA-MS5540B Datasheet
370Kb / 18P
MINIATURE BAROMETER MODULE
logo
List of Unclassifed Man...
SMD500 ETC2-SMD500 Datasheet
211Kb / 10P
Altimeter / Barometer Module ultra low power, low voltage
logo
Intersema Sensoric SA
MS5534C INTERSEMA-MS5534C Datasheet
769Kb / 21P
BAROMETER MODULE
MS5540C INTERSEMA-MS5540C Datasheet
285Kb / 18P
MINIATURE BAROMETER MODULE
logo
Freescale Semiconductor...
MPL115A1 FREESCALE-MPL115A1 Datasheet
125Kb / 8P
Miniature SPI Digital Barometer
MPL115A2 FREESCALE-MPL115A2 Datasheet
116Kb / 8P
Miniature I2C Digital Barometer
MPL115A2 FREESCALE-MPL115A2_13 Datasheet
218Kb / 16P
Miniature I2C Digital Barometer
logo
Vaisala
PTB110 VAISALA-PTB110 Datasheet
1Mb / 2P
BAROCAP Barometer PTB110
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com