Electronic Components Datasheet Search
  English  ▼

X  

MS5534AM Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # MS5534AM
Description  BAROMETER MODULE
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MS5534AM Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  MS5534AM Datasheet HTML 1Page - List of Unclassifed Manufacturers MS5534AM Datasheet HTML 2Page - List of Unclassifed Manufacturers MS5534AM Datasheet HTML 3Page - List of Unclassifed Manufacturers MS5534AM Datasheet HTML 4Page - List of Unclassifed Manufacturers MS5534AM Datasheet HTML 5Page - List of Unclassifed Manufacturers MS5534AM Datasheet HTML 6Page - List of Unclassifed Manufacturers MS5534AM Datasheet HTML 7Page - List of Unclassifed Manufacturers MS5534AM Datasheet HTML 8Page - List of Unclassifed Manufacturers MS5534AM Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
DA5534_022.doc
July 17th, 2002
5
ECN493
PRESSURE OUTPUT CHARACTERISTICS
With the calibration data provided by the MS5534 system (stored in the interface IC) the following characteristics
can be achieved:
Parameter
Conditions
Min
Typ
Max
Unit
Note
Resolution
0.1
mbar
1
Absolute Pressure Accuracy
p = 750 …1100mbar
Ta = 25°C
-1.5
+1.5
mbar
2
Relative Pressure Accuracy
p = 750 …1100mbar
Ta = 25°C
-0.5
+0.5
mbar
3
Maximum Error over
Temperature
Ta = -10…+60°C
p = const.
-1
+1
mbar
4
-1
+6
mbar
5
Long-term Stability
12 month
-1
mbar
6
Maximum Error over Supply
Voltage
VDD = 2.2…3.6V
-1.5
0
+1.5
mbar/V
Notes:
1. A stable pressure reading of the given resolution requires to take the average of 2 to 4 subsequent pressure
values due to noise of the ADC. A better resolution can be obtained with more averaging.
2. Maximum error of pressure reading over the pressure range.
3. Maximum error of pressure reading over the pressure range after offset adjustment at one pressure point.
4. With the second-order temperature compensation as described in Section "Calculation of pressure using
compensation coefficients C1 to C5".
5. With the first-order temperature compensation as described in Section "Calculation of pressure using
compensation coefficients C1 to C5".
6. The long-term stability is measured with non-soldered devices
TEMPERATURE OUTPUT CHARACTERISTICS
This temperature information is not required for most applications, but it is necessary to allow for temperature
compensation of the pressure output. The reference temperature is 20°C.
Parameter
Conditions
Min
Typ
Max
Unit
Resolution
0.005
0.015
°C
Accuracy
at reference temperature
-0.8
0.8
°C
Maximum Error over Supply
Voltage
VDD = 2.2…3.6V
-0.08
+ 0.08
°C/V
Notes:
1.
Refer to the paragraph second-order temperature compensation in the section ‘FUNCTION’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com