Electronic Components Datasheet Search
  English  ▼

X  

ICS952623 Datasheet(PDF) 14 Page - Integrated Circuit Systems

Part # ICS952623
Description  Programmable Timing Control Hub for Next Gen P4 processor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS952623 Datasheet(HTML) 14 Page - Integrated Circuit Systems

Back Button ICS952623 Datasheet HTML 10Page - Integrated Circuit Systems ICS952623 Datasheet HTML 11Page - Integrated Circuit Systems ICS952623 Datasheet HTML 12Page - Integrated Circuit Systems ICS952623 Datasheet HTML 13Page - Integrated Circuit Systems ICS952623 Datasheet HTML 14Page - Integrated Circuit Systems ICS952623 Datasheet HTML 15Page - Integrated Circuit Systems ICS952623 Datasheet HTML 16Page - Integrated Circuit Systems ICS952623 Datasheet HTML 17Page - Integrated Circuit Systems ICS952623 Datasheet HTML 18Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
14
Integrated
Circuit
Systems, Inc.
ICS952623
Advance Information
0758—02/08/05
I
2C Table: Overclocking Output Control Register
Pin #
Name
Control Function
Type0
1
PWD
Bit 7
Reserved
Reserved
RW
-
-
0
Bit 6
Reserved
Reserved
RW
--
0
Bit 5
Reserved
Reserved
RW
-
-
0
Bit 4
Reserved
Reserved
RW
--
0
Bit 3
Over Clocking
1: over-clk
0: normal mode
R0
Bit 2
Over Clocking
Over Clocking
R0
Bit 1
Over Clocking
Over Clocking
R
0
Bit 0
Reserved
Reserved
RW
-
-
0
I
2C Table: VCO Control Select Bit Control Register
Pin #
Name
Control Function
Type
0
1
PWD
Bit 7
Programming ENABLE
Enables prograaming
bytes 11-14
RW
DISABLED
ENABLED
0
Bit 6
RESERVED
RESERVED
RW
-
-
0
Bit 5
RESERVED
RESERVED
RW
--
0
Bit 4
RESERVED
RESERVED
RW
-
-
0
Bit 3
RESERVED
RESERVED
RW
--
0
Bit 2
RESERVED
RESERVED
RW
-
-
0
Bit 1
RESERVED
RESERVED
RW
-
-
0
Bit 0
RESERVED
RESERVED
RW
-
-
0
I
2C Table: VCO Frequency Control Register
Pin #
Name
Control Function
Type0
1
PWD
Bit 7
N Div8
N Divider Bit 8
RW
-
-
X
Bit 6
M Div6
RW
-
-
X
Bit 5
M Div5
RW
-
-
X
Bit 4
M Div4
RW
-
-
X
Bit 3
M Div3
RW
-
-
X
Bit 2
M Div2
RW
-
-
X
Bit 1
M Div1
RW
-
-
X
Bit 0
M Div0
RW
-
-
X
-
Byte 10
-
-
-
-
-
-
-
The decimal
representation of M
Div (6:0) is equal to
reference divider
value. Default at
power up = latch-in or
Byte 0 Rom table.
-
-
-
-
-
-
Byte 11
-
-
-
Byte 9
-
See over clocking per bit 1
and 2
-
-
-
-
-
00= +15%, 01 = +20%
10= +5%, 11= +10%
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com