Electronic Components Datasheet Search
  English  ▼

X  

ICS952623 Datasheet(PDF) 26 Page - Integrated Circuit Systems

Part # ICS952623
Description  Programmable Timing Control Hub for Next Gen P4 processor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS952623 Datasheet(HTML) 26 Page - Integrated Circuit Systems

Back Button ICS952623 Datasheet HTML 19Page - Integrated Circuit Systems ICS952623 Datasheet HTML 20Page - Integrated Circuit Systems ICS952623 Datasheet HTML 21Page - Integrated Circuit Systems ICS952623 Datasheet HTML 22Page - Integrated Circuit Systems ICS952623 Datasheet HTML 23Page - Integrated Circuit Systems ICS952623 Datasheet HTML 24Page - Integrated Circuit Systems ICS952623 Datasheet HTML 25Page - Integrated Circuit Systems ICS952623 Datasheet HTML 26Page - Integrated Circuit Systems ICS952623 Datasheet HTML 27Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 26 / 27 page
background image
26
Integrated
Circuit
Systems, Inc.
ICS952623
Advance Information
0758—02/08/05
Ordering Information
ICS952623yFT
Designation for tape and reel packaging
Package Type
F = SSOP
Revis ion Designator (will not correlate with datasheet revision)
Device Type
Prefix
ICS = Standard Device
Example:
ICS XXXXXX y F - T
MINMAX
MINMAX
A
2.41
2.80
.095
.110
A1
0.20
0.40
.008
.016
b
0.20
0.34
.008
.0135
c
0.13
0.25
.005
.010
D
E
10.03
10.68
.395
.420
E1
7.40
7.60
.291
.299
e
h
0.38
0.64
.015
.025
L
0.50
1.02
.020
.040
N
a
0°8°0°8°
VARIATIONS
MINMAX
MINMAX
56
18.31
18.55
.720
.730
10-0034
0.635 BASIC
0.025 BASIC
COMMON DIMENSIONS
In Millimeters
In Inches
COMMON DIMENSIONS
Reference Doc.: JEDEC Publication 95, MO-118
300 mil SSOP
N
SEE VARIATIONS
SEE VARIATIONS
D mm.
D (inch)
SYMBOL
SEE VARIATIONS
SEE VARIATIONS
INDEX
AREA
INDEX
AREA
1 2
N
D
h x 45°
E1
E
α
SEATING
PLANE
SEATING
PLANE
A1
A
e
- C -
b
.10 (.004) C
.10 (.004) C
c
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com