Electronic Components Datasheet Search
  English  ▼

X  

ICS952623 Datasheet(PDF) 17 Page - Integrated Circuit Systems

Part # ICS952623
Description  Programmable Timing Control Hub for Next Gen P4 processor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS952623 Datasheet(HTML) 17 Page - Integrated Circuit Systems

Back Button ICS952623 Datasheet HTML 13Page - Integrated Circuit Systems ICS952623 Datasheet HTML 14Page - Integrated Circuit Systems ICS952623 Datasheet HTML 15Page - Integrated Circuit Systems ICS952623 Datasheet HTML 16Page - Integrated Circuit Systems ICS952623 Datasheet HTML 17Page - Integrated Circuit Systems ICS952623 Datasheet HTML 18Page - Integrated Circuit Systems ICS952623 Datasheet HTML 19Page - Integrated Circuit Systems ICS952623 Datasheet HTML 20Page - Integrated Circuit Systems ICS952623 Datasheet HTML 21Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
17
Integrated
Circuit
Systems, Inc.
ICS952623
Advance Information
0758—02/08/05
The CPU_STOP# signal is an active low input controlling the CPU outputs. This signal can be asserted asynchronously.
CPU_STOP# Functionality
#
P
O
T
S
_
U
P
CU
P
C#
U
P
CC
R
S#
C
R
S6
6
V
3I
C
P
/
F
I
C
PT
O
D
/
B
S
UF
E
Re
t
o
N
1l
a
m
r
o
Nl
a
m
r
o
Nl
a
m
r
o
Nl
a
m
r
o
Nz
H
M
6
6z
H
M
3
3z
H
M
8
4z
H
M
8
1
3
.
4
1
0r
o
6
*
f
e
r
I
t
a
o
l
F
w
o
Ll
a
m
r
o
Nl
a
m
r
o
Nz
H
M
6
6z
H
M
3
3z
H
M
8
4z
H
M
8
1
3
.
4
1
Asserting CPU_STOP# pin stops all CPU outputs that are set to be stoppable after their next transition. When the I2C
CPU_STOP tri-state bit corresponding to the CPU output of interest is programmed to a '0', CPU output will stop CPU_True
= HIGH and CPU_Complement = LOW. When the I2C CPU_Stop tri-state bit corresponding to the CPU output of interest is
programmed to a '1', CPU outputs will be tri-stated.
CPU_STOP#
CPU
CPU#
CPU_STOP# - Assertion (transition from '1' to '0')
With the de-assertion of CPU_Stop# all stopped CPU outputs will resume without a glitch. The maximum latency from the
de-assertion to active outputs is 2 - 6 CPU clock periods. If the control register tristate bit corresponding to the output of
interest is programmed to '1', then the stopped CPU outputs will be driven High within 10nS of CPU_Stop# de-assertion to
a voltage greater than 200mV.
CPU_Stop#
Tdrive_CPU_Stop, 10nS >200mV
CPU
CPU#
CPU Internal
CPU_STOP# - De-assertion (transition from '0' to '1')



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com