Electronic Components Datasheet Search
  English  ▼

X  

LPS27HHW Datasheet(PDF) 1 Page - STMicroelectronics

Part # LPS27HHW
Description  MEMS pressure sensor: 260-1260 hPa absolute digital output barometer with water-resistant package
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS27HHW Datasheet(HTML) 1 Page - STMicroelectronics

  LPS27HHW Datasheet HTML 1Page - STMicroelectronics LPS27HHW Datasheet HTML 2Page - STMicroelectronics LPS27HHW Datasheet HTML 3Page - STMicroelectronics LPS27HHW Datasheet HTML 4Page - STMicroelectronics LPS27HHW Datasheet HTML 5Page - STMicroelectronics LPS27HHW Datasheet HTML 6Page - STMicroelectronics LPS27HHW Datasheet HTML 7Page - STMicroelectronics LPS27HHW Datasheet HTML 8Page - STMicroelectronics LPS27HHW Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 60 page
background image
This is information on a product in full production.
July 2019
DocID032730 Rev 1
1/60
LPS27HHW
MEMS pressure sensor: 260-1260 hPa absolute digital output
barometer with water-resistant package
Datasheet
- production data
Features
 Pressure sensor with water-resistant package
 Potting gel & grounded metal cap
 260 to 1260 hPa absolute pressure range
 Current consumption down to 4 μA
 Absolute pressure accuracy: 0.5 hPa
 Low pressure sensor noise: 0.7 Pa
 Embedded temperature compensation
 24-bit pressure data output
 ODR from 1 Hz to 200 Hz
 SPI, I²C or MIPI I3CSM interfaces
 Embedded FIFO
 Interrupt functions: Data-Ready, FIFO flags,
pressure thresholds
 Supply voltage: 1.7 to 3.6 V
 ECOPACK lead-free compliant
Applications
 Altimeters and barometers for portable devices
 GPS applications
 Weather station equipment
 Sport watches
 e-cigarettes
 Water depth monitoring
 Gas metering
Description
The LPS27HHW is an ultra-compact
piezoresistive absolute pressure sensor which
functions as a digital output barometer. The
device comprises a sensing element and an IC
interface which communicates through I²C, MIPI
I3CSM or SPI from the sensing element to the
application.
The sensing element, which detects absolute
pressure, consists of a suspended membrane
manufactured using a dedicated process
developed by ST.
The LPS27HHW is available in a ceramic LGA
package with metal lid. It is guaranteed to operate
over a temperature range extending from -40 °C
to +85 °C. The package is holed to allow external
pressure to reach the sensing element. Gel inside
the IC protects the electrical components from
water and the metal cap is grounded electrically
for better ESD robustness.
Table 1. Device summary
Order code
Temp. range
[°C]
Package
Packing
LPS27HHWTR
-40 to +85°C CCLGA-10L
Tape
and reel
LPS27HHW
Tray
Product label
www.st.com


Similar Part No. - LPS27HHW

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LPS27HHW STMICROELECTRONICS-LPS27HHW Datasheet
3Mb / 32P
ST portfolio for smartphone platforms
Jan-2023
More results

Similar Description - LPS27HHW

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LPS331AP STMICROELECTRONICS-LPS331AP Datasheet
447Kb / 36P
MEMS pressure sensor: 260-1260 mbar absolute digital output barometer
29-Mar-2012
LPS25HB STMICROELECTRONICS-LPS25HB Datasheet
1Mb / 40P
MEMS pressure sensor: 260-1260 hPa absolute digital output barometer
21-May-2015
LPS22HB STMICROELECTRONICS-LPS22HB Datasheet
1Mb / 49P
MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer
November 2016 Rev 5
LPS33HW STMICROELECTRONICS-LPS33HW Datasheet
1Mb / 50P
MEMS pressure sensor: 260-1260 hPa absolute digital output barometer with water-resistant package
25-Jul-2017
LPS27HHTW STMICROELECTRONICS-LPS27HHTW Datasheet
1Mb / 55P
MEMS pressure sensor: 260-1260 hPa absolute digital output barometer with embedded temperature sensor in water-resistant package
Rev 1 - January 2021
LPS22CH STMICROELECTRONICS-LPS22CH Datasheet
1Mb / 55P
High-performance MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer
05-Aug-2020
LPS22DF STMICROELECTRONICS-LPS22DF Datasheet
1Mb / 54P
Low-power and high-precision MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer
30-Sep-2021
LPS33K STMICROELECTRONICS-LPS33K Datasheet
1Mb / 31P
MEMS pressure sensor: 300-1200 hPa absolute digital output barometer with potted gel package
20-May-2020
LPS22HH STMICROELECTRONICS-LPS22HH Datasheet
1Mb / 59P
High-performance MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer
04-Feb-2019
ILPS28QSW STMICROELECTRONICS-ILPS28QSW Datasheet
2Mb / 52P
Dual full-scale, 1260 hPa and 4060 hPa, absolute digital output barometer with Qvar detection in a water-resistant package
17-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com