Electronic Components Datasheet Search
  English  ▼

X  

LPS27HHW Datasheet(PDF) 34 Page - STMicroelectronics

Part # LPS27HHW
Description  MEMS pressure sensor: 260-1260 hPa absolute digital output barometer with water-resistant package
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS27HHW Datasheet(HTML) 34 Page - STMicroelectronics

Back Button LPS27HHW Datasheet HTML 30Page - STMicroelectronics LPS27HHW Datasheet HTML 31Page - STMicroelectronics LPS27HHW Datasheet HTML 32Page - STMicroelectronics LPS27HHW Datasheet HTML 33Page - STMicroelectronics LPS27HHW Datasheet HTML 34Page - STMicroelectronics LPS27HHW Datasheet HTML 35Page - STMicroelectronics LPS27HHW Datasheet HTML 36Page - STMicroelectronics LPS27HHW Datasheet HTML 37Page - STMicroelectronics LPS27HHW Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 60 page
background image
Digital interfaces
LPS27HHW
34/60
DocID032730 Rev 1
7.4
MIPI I3CSM slave interface
The LPS27HHW interface includes a MIPI I3CSM SDR only slave interface with MIPI I3CSM
SDR embedded features:
CCC command
Direct CCC communication (SET and GET)
Broadcast CCC communication
Private communications
Private read and write for single byte
Multiple read and write
In-band interrupt and hot-join requests
7.4.1
MIPI I3CSM CCC supported commands
The list of MIPI I3CSM CCC commands supported by the device is detailed in the following
table.
Table 17. MIPI I3CSM CCC commands
Command
Command
code
Default
Description
ENEC
0x80 / 0x00
Slave activity control (direct and broadcast)
RSTDAA
0x86 / 0x06
Reset the assigned dynamic address
(direct and broadcast)
DISEC
0x81 / 0x01
Slave activity control (direct and broadcast)
ENTAS0
0x82 / 0x02
Enter activity state (direct and broadcast)
ENTAS1
0x83 / 0x03
Enter activity state (direct and broadcast)
ENTAS2
0x84 / 0x04
Enter activity state (direct and broadcast)
ENTAS3
0x85 / 0x05
Enter activity state (direct and broadcast)
SETMWL
0x89 / 0x08
0x00
0x08
Define maximum write length during private write
(direct and broadcast)
SETMRL
0x8A / 0x09
0x00
0x10
0x04
Define maximum read length during private read
(direct and broadcast)
SETDASA
0x87
Assign dynamic address using static address
(0x5C/0x5D depending on the SDO level)
SETNEWDA
0x88
Change dynamic address
GETMWL
0x8B
0x00
0x08
Get maximum write length during private write
GETMRL
0x8C
0x00
0x10
0x04
Get maximum read length during private read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com