Electronic Components Datasheet Search
  English  ▼

X  

LPS27HHW Datasheet(PDF) 4 Page - STMicroelectronics

Part # LPS27HHW
Description  MEMS pressure sensor: 260-1260 hPa absolute digital output barometer with water-resistant package
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS27HHW Datasheet(HTML) 4 Page - STMicroelectronics

  LPS27HHW Datasheet HTML 1Page - STMicroelectronics LPS27HHW Datasheet HTML 2Page - STMicroelectronics LPS27HHW Datasheet HTML 3Page - STMicroelectronics LPS27HHW Datasheet HTML 4Page - STMicroelectronics LPS27HHW Datasheet HTML 5Page - STMicroelectronics LPS27HHW Datasheet HTML 6Page - STMicroelectronics LPS27HHW Datasheet HTML 7Page - STMicroelectronics LPS27HHW Datasheet HTML 8Page - STMicroelectronics LPS27HHW Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 60 page
background image
Contents
LPS27HHW
4/60
DocID032730 Rev 1
9.21
PRESS_OUT_H (2Ah) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 53
9.22
TEMP_OUT_L (2Bh) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 54
9.23
TEMP_OUT_H (2Ch) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 54
9.24
LPFP_RES (3Ch) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 54
9.25
FIFO_DATA_OUT_PRESS_XL (78h) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 54
9.26
FIFO_DATA_OUT_PRESS_L (79h) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 55
9.27
FIFO_DATA_OUT_PRESS_H (7Ah) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 55
9.28
FIFO_DATA_OUT_TEMP_L (7Bh) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 55
9.29
FIFO_DATA_OUT_TEMP_H (7Ch) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 55
10
Package information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 56
10.1
CCLGA-10L package information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 56
10.2
CCLGA-10L packing information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 57
11
Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com