Electronic Components Datasheet Search
  English  ▼

X  

AP-K2N Datasheet(PDF) 33 Page - JST Mfg. Co., Ltd.

Part # AP-K2N
Description  AP-K2N CRIMPING MACHINE
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

AP-K2N Datasheet(HTML) 33 Page - JST Mfg. Co., Ltd.

Back Button AP-K2N Datasheet HTML 29Page - JST Mfg. Co., Ltd. AP-K2N Datasheet HTML 30Page - JST Mfg. Co., Ltd. AP-K2N Datasheet HTML 31Page - JST Mfg. Co., Ltd. AP-K2N Datasheet HTML 32Page - JST Mfg. Co., Ltd. AP-K2N Datasheet HTML 33Page - JST Mfg. Co., Ltd. AP-K2N Datasheet HTML 34Page - JST Mfg. Co., Ltd. AP-K2N Datasheet HTML 35Page - JST Mfg. Co., Ltd. AP-K2N Datasheet HTML 36Page - JST Mfg. Co., Ltd. AP-K2N Datasheet HTML 37Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 33 / 37 page
background image
33
H:\0 - Quality Documents\2 Department\Tech Serv\Application tooling\Presses\AP-K2N\TS010-00 AP-K2N Operation
Manual.doc
Parts list for the applicator MKF-L
No.
Part Name
Part No.
No.
Part Name
Part No.
101 Body
NF-2101
138 Stroke adj. Screw
MA01-334
102 Slider
NF-3118
139 Punch
NF-4122
103 Copper bar (3.8 x2mm)
140 Die plate
NF-3149
104 Positioning spring
MA01-214
141 Bracket
NF-4133
105 Positioning pin
MA01-213
142 Spring post
NF-4159
106 Insulation disk
NF-4121
143 Returning spring
MA03-349
107 Spring
MA01-216
144 Spring
NF-4126N
108 Steel ball (3 )
109 Wire disk
MA01-211
146 Keep plate
NF-4125
110 Shank
MA01-217
147 Crimper anvil base
NF-4105
111 Cam
NF-4168
148 Feed plate
NF-2129*
112 Guide shoe
NF-4140
149 Support pin
NF-4163
113 Tension spring
NF-4117
150 Needle bearing K12x15x13
NF-B164
114 Fulcrum bolt
NF-4115
151 Collar
NF-4154
115 Support pin
MA01-343
152 E-shaped ret.ring (9 )
116 Spring post
NF-4116
153 Guide block
NF-4165
117 Plate (L)
NF-4114
154 Holder block
NF-4147
118 Plate (R)
MA02-103
155 Pressure plate
119 Feed shaft
MA01-338
156 Guide plate (R)
120 Ring nut
MA01-341
157 Guide plate (L)
121 E-shaped ret.ring (6 )
158 Pin
NF-4109
122 Lever block
MA01-340
159 Feed finger
123 Adj. Bolt
MA01-339
160 Shear blade
124 Cam roller
MA01-308A
161 Shear blade anvil (A)
125 Cam roller shaft
MA01-337A
162 Shear blade anvil (B)
126 Feed lever (A)
MA01-342
163 Tension spring
NF-4110
127 Feed lever pin
MA01-344
164 Spring post
NF-4108
128 Feed lever (B)
NF-4138
165 Spring post
NF-4111
129 Feed finger pin
MA01-347
166 Wire block
130 Feed finger spring
MA01-348
167 Insulation block
131 Feed adj. Plate
NF-4137
168 Block ring
MA01-225
132 Spring post
NF-4139
169 Crimper (A)
133 Hex. Nut (m4,type-1)
170 Crimper (B)
134 Stroke adj. Shaft
MA01-331
171 Die holder ring
135 Stroke adj. Bearing
MA01-332
172 Crimper anvil (A)
136 Hook
NF-4113
173 Crimper anvil (B)
137 Hex. Nut
MA01-333
174 Finger holder



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com