Electronic Components Datasheet Search
  English  ▼

X  

RAC25-K/480 Datasheet(PDF) 2 Page - Recom International Power

Part # RAC25-K/480
Description  25 Watt 3.2 x 1.8 Single Output
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RAC25-K/480 Datasheet(HTML) 2 Page - Recom International Power

  RAC25-K/480 Datasheet HTML 1Page - Recom International Power RAC25-K/480 Datasheet HTML 2Page - Recom International Power RAC25-K/480 Datasheet HTML 3Page - Recom International Power RAC25-K/480 Datasheet HTML 4Page - Recom International Power RAC25-K/480 Datasheet HTML 5Page - Recom International Power RAC25-K/480 Datasheet HTML 6Page - Recom International Power RAC25-K/480 Datasheet HTML 7Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AC/DC Converter
www.recom-power.com
REV.: 0/2022
PA-2
RAC25-K/480
Series
Specifications (measured @ Ta= 25°C, nom. Vin, full load and after warm-up unless otherwise stated)
BASIC CHARACTERISTICS
Parameter
Condition
Min.
Typ.
Max.
No Load Power Consumption
85-528VAC
300mW
Input Frequency Range
AC Input
47Hz
63Hz
Minimum Load
0%
Power Factor
115VAC
0.45
230VAC
0.4
480VAC
0.3
Start-up Time
130ms
Rise Time
30ms
Hold-up Time
30ms
Internal Operating Frequency
50kHz
Output Ripple and Noise (4)
20MHz BW
V
OUT= 5VDC
100mVp-p
others
1% of VOUT
Efficiency vs. Load
0
10
20
30
40
50
60
70
80
90
100
100
80
60
40
90
70
50
30
20
10
0
Output Load [%]
115VAC
230VAC
480VAC
0
10
20
30
40
50
60
70
80
90
100
100
80
60
40
90
70
50
30
20
10
0
Output Load [%]
115VAC
230VAC
480VAC
0
10
20
30
40
50
60
70
80
90
100
100
80
60
40
90
70
50
30
20
10
0
Output Load [%]
115VAC
230VAC
480VAC
0
10
20
30
40
50
60
70
80
90
100
100
80
60
40
90
70
50
30
20
10
0
Output Load [%]
115VAC
230VAC
480VAC
RAC25-05SK/480
RAC25-15SK/480
RAC25-12SK/480
RAC25-24SK/480
Notes:
Note4: Measurements are made with a 0.1µF MLCC & 10µF E-cap in parallel across output (low ESR).



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com