Electronic Components Datasheet Search
  English  ▼

X  

RAC25-K/480 Datasheet(PDF) 4 Page - Recom International Power

Part # RAC25-K/480
Description  25 Watt 3.2 x 1.8 Single Output
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RAC25-K/480 Datasheet(HTML) 4 Page - Recom International Power

  RAC25-K/480 Datasheet HTML 1Page - Recom International Power RAC25-K/480 Datasheet HTML 2Page - Recom International Power RAC25-K/480 Datasheet HTML 3Page - Recom International Power RAC25-K/480 Datasheet HTML 4Page - Recom International Power RAC25-K/480 Datasheet HTML 5Page - Recom International Power RAC25-K/480 Datasheet HTML 6Page - Recom International Power RAC25-K/480 Datasheet HTML 7Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
AC/DC Converter
Specifications (measured @ Ta= 25°C, nom. Vin, full load and after warm-up unless otherwise stated)
RAC25-K/480
Series
www.recom-power.com
REV.: 0/2022
PA-4
ENVIRONMENTAL
Parameter
Condition
Value
Operating Temperature Range
refer to
“Derating Graph”
-40°C to +90°C
Maximum Case Temperature
+105°C
Temperature Coefficient
0.02%/K
Operating Altitude
5000m
Operating Humidity
non-condensing
95% RH max.
Polution Degree
PD3
Vibration
according to MIL-STD-202G
10-500Hz, 2G 10min./1cycle, 60min. each along x,y,z axes
Design Lifetime
230VAC/50Hz
+50°C
30 x 10³ hours
MTBF
according to
MIL-HDBK-217F, G.B.
V
OUT= 5, 12VDC
+25°C
950 x 10³ hours
V
OUT= 15, 24VDC
1040 x 10³ hours
V
OUT= 5, 12VDC
+40°C
800 x 10³ hours
V
OUT= 15, 24VDC
920 x 10³ hours
continued on next page
Parameter
Type
Value
Isolation Voltage (6)
tested for 1 minute
I/P to O/P
3.6kVAC
tested for 5 seconds
5.4kVAC
Isolation Resistance
1G
W max.
Isolation Capacitance
3200pF max.
Insulation Grade
reinforced
Leakage Current
250µA max.
Notes:
Note6: For repeat Hi-Pot testing, reduce the time and/or the test voltage
-Vout
+Vout
+V
out
-V
out
L
(L1)
N
(L2)
FF
VAC
in (L, L1)
VAC
in(N, L2)
Protection Circuit
An external fuse is mandatory in order to protect the device in addition on
the AC input side. RECOM recommend: slow blow type, 600VAC, 2A
-40 -30 -20
-25
-10
10
30
50
70
90
0
20
40
60
80
100
25
20
15
10
12.5
5
0
Ambient Temperature [°C]
480VAC
220/277VAC
100/115VAC
-40 -30 -20 -10
10
30
50
45
70
90
0
20
40
60
80
100
25
20
15
10
7.5
5
0
Ambient Temperature [°C]
480VAC
220/277VAC
100/115VAC
Derating Graph
(@ Chamber and natural convection 0.1m/s)
RAC25-05SK/480
RAC25-12SK/480



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com