Electronic Components Datasheet Search
  English  ▼

X  

RAC25-K/480 Datasheet(PDF) 3 Page - Recom International Power

Part # RAC25-K/480
Description  25 Watt 3.2 x 1.8 Single Output
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RAC25-K/480 Datasheet(HTML) 3 Page - Recom International Power

  RAC25-K/480 Datasheet HTML 1Page - Recom International Power RAC25-K/480 Datasheet HTML 2Page - Recom International Power RAC25-K/480 Datasheet HTML 3Page - Recom International Power RAC25-K/480 Datasheet HTML 4Page - Recom International Power RAC25-K/480 Datasheet HTML 5Page - Recom International Power RAC25-K/480 Datasheet HTML 6Page - Recom International Power RAC25-K/480 Datasheet HTML 7Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
REGULATIONS
Parameter
Condition
Value
Output Accuracy
±3.0% max.
Line Regulation
low line to high line
±2.0% typ.
Load Regulation (5)
10% to 100% load
2.0% typ.
Transient Response
25% load step change
4.0% max.
recovery time
1ms typ.
AC/DC Converter
www.recom-power.com
REV.: 0/2022
PA-3
RAC25-K/480
Series
Specifications (measured @ Ta= 25°C, nom. Vin, full load and after warm-up unless otherwise stated)
Deviation vs. Load
0
-0.4
-0.8
-1.2
-0.2
-0.6
-1
-1.4
-1.6
0
10
20
30
40
50
60
70
80
90
100
Output Load [%]
115VAC
230VAC
480VAC
0.4
0
-0.4
-0.8
0.2
-0.2
-0.6
-1
0
10
20
30
40
50
60
70
80
90
100
Output Load [%]
115VAC
230VAC
480VAC
RAC25-05SK/480
RAC25-15SK/480
RAC25-12SK/480
RAC25-24SK/480
0
-0.4
-0.8
-1.2
-0.2
-0.6
-1
-1.4
0
10
20
30
40
50
60
70
80
90
100
Output Load [%]
115VAC
230VAC
480VAC
0
-0.4
-0.8
-1.2
-0.2
-0.6
-1
-1.6
-1.4
0
10
20
30
40
50
60
70
80
90
100
Output Load [%]
115VAC
230VAC
480VAC
Notes:
Note5: Operation below 10% load will not harm the converter, but specifications may not be met
PROTECTIONS
Parameter
Type
Value
Input Fuse
external (refer to
“Protection Circuit”)
T2A, 600VAC min.
Limited Power Source (LPS)
according to IEC62368-1 CB Report
yes
Short Circuit Protection (SCP)
below 100m
W
hiccup, auto recovery
Over Voltage Protection (OVP)
105% - 120%, hiccup mode
Over Current Protection (OCP)
128% - 155%, hiccup mode
Over Voltage Category
according to 61010-1
OVCIII (up to 5000m)
continued on next page



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com