Electronic Components Datasheet Search
  English  ▼

X  

SUS32405 Datasheet(PDF) 8 Page - COSEL CO., LTD.

Part # SUS32405
Description  DC-DC Converters PCB Mount Type
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSEL [COSEL CO., LTD.]
Direct Link  https://en.cosel.co.jp/
Logo COSEL - COSEL CO., LTD.

SUS32405 Datasheet(HTML) 8 Page - COSEL CO., LTD.

Back Button SUS32405 Datasheet HTML 3Page - COSEL CO., LTD. SUS32405 Datasheet HTML 4Page - COSEL CO., LTD. SUS32405 Datasheet HTML 5Page - COSEL CO., LTD. SUS32405 Datasheet HTML 6Page - COSEL CO., LTD. SUS32405 Datasheet HTML 7Page - COSEL CO., LTD. SUS32405 Datasheet HTML 8Page - COSEL CO., LTD. SUS32405 Datasheet HTML 9Page - COSEL CO., LTD. SUS32405 Datasheet HTML 10Page - COSEL CO., LTD. SUS32405 Datasheet HTML 11Page - COSEL CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
7.6 SUT6
¡
In the case of forced air cooling (1m/s), please have sufficient
ventilation to keep the temperature of point A in Fig.7.10 at 95C
or below.
Please also make sure that the ambient temperature does not ex-
ceed 85C.
Point A
Fig.7.10 Temperature Measuring Point in the case of Forced Air Cooling
7.7 SUT10
¡
In the case of forced air cooling (1m/s), please have sufficient
ventilation to keep the temperature of point A in Fig.7.11 at 95C or
below.
Please also make sure that the ambient temperature does not ex-
ceed 85C.
Point A
Fig.7.11 Temperature Measuring Point in the case of Forced Air Cooling
8 Peak Current
(Pulse Load)
¡
If a load connected to a converter is a pulse load, you can provide
a pulse current by connecting an electrolytic capacitor externally
to the output side.
Iop
COM
C
+Vin
-Vin
+Vout
-Vout
Pulse Load
External Electrolytic
Capacitor
Vo
D
Vo:Fluctuation of
Output Voltage
Is :Steady-state Current
Iop:Current at Peak
0
0
Iop
Is
D
T
t
Waveform of Pulse
Load Current
Waveform of
Output Voltage
Vo
¡
The average output current lav is expressed in the following for-
mula.
(Iop - Is)Xt
T
lav = ls+
¡
Required electrolytic capacitor C can be obtained from the follow-
ing formula.
(Iop - Iav)Xt
D
Vo
C =
DC-DC Converters PCB Mount Type
Instruction Manual
SU.SUC/SUT-58
June 26, 2020



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com