Electronic Components Datasheet Search
  English  ▼

X  

SUS32405 Datasheet(PDF) 10 Page - COSEL CO., LTD.

Part # SUS32405
Description  DC-DC Converters PCB Mount Type
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSEL [COSEL CO., LTD.]
Direct Link  https://en.cosel.co.jp/
Logo COSEL - COSEL CO., LTD.

SUS32405 Datasheet(HTML) 10 Page - COSEL CO., LTD.

Back Button SUS32405 Datasheet HTML 3Page - COSEL CO., LTD. SUS32405 Datasheet HTML 4Page - COSEL CO., LTD. SUS32405 Datasheet HTML 5Page - COSEL CO., LTD. SUS32405 Datasheet HTML 6Page - COSEL CO., LTD. SUS32405 Datasheet HTML 7Page - COSEL CO., LTD. SUS32405 Datasheet HTML 8Page - COSEL CO., LTD. SUS32405 Datasheet HTML 9Page - COSEL CO., LTD. SUS32405 Datasheet HTML 10Page - COSEL CO., LTD. SUS32405 Datasheet HTML 11Page - COSEL CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10 Options
10.1 Outline of Options
*
Please inquire us for details of specifications and delivery timing.
¿
-C (Only SUCOOC)
-
Conformal coating is applied to PCB and parts.
For excessive harsh environment with corrosive gases condition
such as H2S.
-
Differences from standard versions are summarized in Table 10.1.
Table 10.1 Coating Type
Clearance to user board
0.05mm min (Refer to Fig.10.1)
Safety Standards
no approvals
component area
0.05min
Fig.10.1 Clearance to user board
DC-DC Converters PCB Mount Type
Instruction Manual
SU.SUC/SUT-60
June 26, 2020



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com