Electronic Components Datasheet Search
  English  ▼

X  

SUS32405 Datasheet(PDF) 4 Page - COSEL CO., LTD.

Part # SUS32405
Description  DC-DC Converters PCB Mount Type
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSEL [COSEL CO., LTD.]
Direct Link  https://en.cosel.co.jp/
Logo COSEL - COSEL CO., LTD.

SUS32405 Datasheet(HTML) 4 Page - COSEL CO., LTD.

  SUS32405 Datasheet HTML 1Page - COSEL CO., LTD. SUS32405 Datasheet HTML 2Page - COSEL CO., LTD. SUS32405 Datasheet HTML 3Page - COSEL CO., LTD. SUS32405 Datasheet HTML 4Page - COSEL CO., LTD. SUS32405 Datasheet HTML 5Page - COSEL CO., LTD. SUS32405 Datasheet HTML 6Page - COSEL CO., LTD. SUS32405 Datasheet HTML 7Page - COSEL CO., LTD. SUS32405 Datasheet HTML 8Page - COSEL CO., LTD. SUS32405 Datasheet HTML 9Page - COSEL CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
(b)
Fuse
Input
+Vin
-Vin
Schottky Barrier
Diode
Fig.2.2 Connecting a Reverse Voltage Protection Circuit
¡
Basically, SU/SUC/SUT series do not need any external capaci-
tor. However, if you want to further reduce the output ripple noise,
connect an electrolytic capacitor or a ceramic capacitor Co to the
output pin terminal as shown below.
Co
Co
Co
COM
Load
Load
Load
SUW/SUCW
SUS/SUCS
+Vout
-Vout
-Vout
+Vout
Fig.2.3 Connecting Example of an External Capacitor to the Output Side
Table 2.2 Recommended Capacitance of External Capacitor on the Output Side [ F]
Model
Output Voltage(V)
SU/SUC1R5 SU/SUC3/SUT3 SU/SUC6/SUT6 SU/SUC10/SUT10
3.3
1 - 100
1 - 220
1 - 220
1 - 220
5
1 - 100
1 - 220
1 - 220
1 - 220
12
1 - 100
1 - 100
1 - 100
1 - 100
15
1 - 100
1 - 100
1 - 100
1 - 100
*
If you use a ceramic capacitor, keep the capacitance within the
range between about 0.1 to 10 F.
*
Please adjust the capacitance in light of the effect you want to
achieve.
*
If you need to use an external capacitor whose capacitance ex-
ceeds the range provided in Table 2.2, please contact us.
¡
If the distance between the output and the load is long and there-
fore the noise is created on the load side, connect a capacitor
externally to the load as shown below.
Load
Input
+Vin
-Vin
+Vout
-Vout
3 Series/Parallel
Operation
3.1 Series Operation
¡
You can use the power supplies in series operation by wiring as
shown below. In the case of (a) below, the output current should
be lower than the rated current of a power supply with the lowest
rated current among power supplies that are serially connected.
Please make sure that no current exceeding the rated current
flows into a power supply.
(a)
D1 - D4 : Use a schottky barrier diode
with low forward voltage.
D1, D2 : Use a schottky barrier diode
with low forward voltage.
D2
D1
+
-
-
+
Power
Supply
Power
Supply
12V or more
Power
Supply
Power
Supply
D4
D2
+
-
-
+
5V or less
D1
D3
(b)
Power
Supply
Power
Supply
+
-
-
+
Fig.3.1 Series Operation
3.2 Redundancy Operation
¡
You can use the power supplies in redundancy operation by wiring
as shown below.
Power
Supply
Power
Supply
I2
I1
I3
-
+
+
-
Fig.3.2 Redundancy Operation
¡
Even a slight difference in output voltage can affect the balance
between the values of I1 and I2.
Please make sure that the value of I3 does not exceed the rated
current of a power supply.
I3 [ Rated Current Value
DC-DC Converters PCB Mount Type
Instruction Manual
SU.SUC/SUT-54
June 26, 2020



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com