Electronic Components Datasheet Search
  English  ▼

X  

STPSC12065 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPSC12065
Description  650 V, 12 A power Schottky silicon carbide diode
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPSC12065 Datasheet(HTML) 1 Page - STMicroelectronics

  STPSC12065 Datasheet HTML 1Page - STMicroelectronics STPSC12065 Datasheet HTML 2Page - STMicroelectronics STPSC12065 Datasheet HTML 3Page - STMicroelectronics STPSC12065 Datasheet HTML 4Page - STMicroelectronics STPSC12065 Datasheet HTML 5Page - STMicroelectronics STPSC12065 Datasheet HTML 6Page - STMicroelectronics STPSC12065 Datasheet HTML 7Page - STMicroelectronics STPSC12065 Datasheet HTML 8Page - STMicroelectronics STPSC12065 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
K
A
TO-220AC
K
A
K
D²PAK HV
K
NC
A
D²PAK
K
NC
A
K
A
Features
•
No or negligible reverse recovery
•
Switching behavior independent of temperature
•
Dedicated to PFC applications
•
High forward surge capability
•
Operating Tj from -40 °C to 175 °C
•
D²PAK HV creepage distance (anode to cathode) = 5.38 mm min.
•
ECOPACK2 compliant
•
Power efficient product
Applications
•
DC/DC converter
•
High frequency inverter
•
Snubber
•
Boost PFC function
Description
The SiC diode is an ultra high performance power Schottky diode. It is manufactured
using a silicon carbide substrate. The wide band gap material allows the design of
a Schottky diode structure with a 650 V rating. Due to the Schottky construction,
no recovery is shown at turn-off and ringing patterns are negligible. The minimal
capacitive turn-off behavior is independent of temperature.
Housed in D²PAK HV, this diode is perfectly suited for a usage in PFC applications, in
charging station, DC/DC, easing the compliance to IEC-60664-1.
Product label
Product status link
STPSC12065
Product summary
Symbol
Value
IF(AV)
12 A
VRRM
650 V
Tj (max.)
175 °C
VF (typ.)
1.30 V
650 V, 12 A power Schottky silicon carbide diode
STPSC12065
Datasheet
DS11623 - Rev 3 - March 2021
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STPSC12065

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPSC12065-Y STMICROELECTRONICS-STPSC12065-Y Datasheet
450Kb / 9P
Dedicated to PFC applications
10-May-2016
STPSC12065-Y STMICROELECTRONICS-STPSC12065-Y Datasheet
478Kb / 15P
Automotive 650 V, 12 A, silicon carbide power Schottky diode
December 2018
STPSC12065-Y STMICROELECTRONICS-STPSC12065-Y_V01 Datasheet
478Kb / 15P
Automotive 650 V, 12 A, silicon carbide power Schottky diode
December 2018
logo
Inchange Semiconductor ...
STPSC12065D ISC-STPSC12065D Datasheet
298Kb / 2P
SiC Schottky Diode
More results

Similar Description - STPSC12065

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPSC20H065CW STMICROELECTRONICS-STPSC20H065CW Datasheet
111Kb / 8P
650 V power Schottky silicon carbide diode
10-Oct-2012
STPSC8H065D STMICROELECTRONICS-STPSC8H065D Datasheet
228Kb / 14P
650 V power Schottky silicon carbide diode
07-Jan-2014
STPSC6H065 STMICROELECTRONICS-STPSC6H065 Datasheet
218Kb / 14P
650 V power Schottky silicon carbide diode
22-Jul-2015
STPSC10H065DLF STMICROELECTRONICS-STPSC10H065DLF Datasheet
387Kb / 12P
650 V, 10 A power Schottky silicon carbide diode
March 2021
STPSC12065-Y STMICROELECTRONICS-STPSC12065-Y_V01 Datasheet
478Kb / 15P
Automotive 650 V, 12 A, silicon carbide power Schottky diode
December 2018
STPSC8H065DLF STMICROELECTRONICS-STPSC8H065DLF Datasheet
383Kb / 12P
650 V power Schottky silicon carbide diode
March 2021
STPSC10065DLF STMICROELECTRONICS-STPSC10065DLF Datasheet
379Kb / 12P
650 V, 10 A power Schottky silicon carbide diode
31-Mar-2021
STPSC20065 STMICROELECTRONICS-STPSC20065 Datasheet
631Kb / 13P
650 V power Schottky silicon carbide diode
July 2017 Rev 2
logo
ON Semiconductor
FFSB1265A ONSEMI-FFSB1265A_V01 Datasheet
293Kb / 6P
Silicon Carbide Schottky Diode 650 V, 12 A
November, 2021 - Rev. 4
logo
WOLFSPEED, INC.
C3D12065A WOLFSPEED-C3D12065A Datasheet
1Mb / 9P
3rd Generation 650 V, 12 A Silicon Carbide Schottky Diode
Rev. 1, March 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com