Electronic Components Datasheet Search
  English  ▼

X  

STPSC12065 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPSC12065
Description  650 V, 12 A power Schottky silicon carbide diode
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPSC12065 Datasheet(HTML) 3 Page - STMicroelectronics

  STPSC12065 Datasheet HTML 1Page - STMicroelectronics STPSC12065 Datasheet HTML 2Page - STMicroelectronics STPSC12065 Datasheet HTML 3Page - STMicroelectronics STPSC12065 Datasheet HTML 4Page - STMicroelectronics STPSC12065 Datasheet HTML 5Page - STMicroelectronics STPSC12065 Datasheet HTML 6Page - STMicroelectronics STPSC12065 Datasheet HTML 7Page - STMicroelectronics STPSC12065 Datasheet HTML 8Page - STMicroelectronics STPSC12065 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Table 4. Dynamic electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
QCj
Total capacitive charge
VR = 400 V
-
36
-
nC
Cj
Total capacitance
VR = 0 V, Tc = 25 °C, F = 1 MHz
-
750
-
pF
VR = 400 V, Tc = 25 °C, F = 1 MHz
-
60
-
1.
Most accurate value for the capacitive charge:
QcjVR = ∫0VRCjVdV
1.1
Characteristics (curves)
Figure 1. Forward voltage drop versus forward current
(typical values)
0
4
8
12
16
20
24
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
VF(V)
IF(A)
Ta=150 °C
Ta=175 °C
Ta=25 °C
Pulse test : tp=500µs
Ta=100 °C
Figure 2. Reverse leakage current versus reverse voltage
applied (typical values)
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
0
50
100 150 200 250 300 350 400 450 500 550 600 650
VR(V)
IR(µA)
Tj=25 °C
Tj=150 °C
Tj=175 °C
Figure 3. Peak forward current versus case temperature
0
20
40
60
80
0
25
50
75
100
125
150
175
TC(°C)
IM(A)
T
δ=tp/T
tp
δ=0.1
δ=0.3
δ=0.5
δ=1
δ=0.7
Figure 4. Junction capacitance versus reverse voltage
applied (typical values)
0
100
200
300
400
500
600
700
800
0.1
1.0
10.0
100.0
1000.0
VR(V)
Cj(pF)
F=1 MHz
VOSC=30 mVRMS
Tj=25 °C
STPSC12065
Characteristics (curves)
DS11623 - Rev 3
page 3/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com