Electronic Components Datasheet Search
  English  ▼

X  

WLRCL Datasheet(PDF) 18 Page - Omron Electronics LLC

Part # WLRCL
Description  Two-circuit Limit Switch/Long-life Two-circuit Limit Switch
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

WLRCL Datasheet(HTML) 18 Page - Omron Electronics LLC

Back Button WLRCL Datasheet HTML 14Page - Omron Electronics LLC WLRCL Datasheet HTML 15Page - Omron Electronics LLC WLRCL Datasheet HTML 16Page - Omron Electronics LLC WLRCL Datasheet HTML 17Page - Omron Electronics LLC WLRCL Datasheet HTML 18Page - Omron Electronics LLC WLRCL Datasheet HTML 19Page - Omron Electronics LLC WLRCL Datasheet HTML 20Page - Omron Electronics LLC WLRCL Datasheet HTML 21Page - Omron Electronics LLC WLRCL Datasheet HTML 22Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 52 page
background image
WL-N/WLM-N
18
Note: The maximum cable length for a Hermetic Switch is 5 m.
Note: The maximum cable length for a Hermetic Switch is 5 m.
Environment-resistant Switches
Actuator
Roller lever R38
Adjustable roller lever
Adjustable rod lever
25 to 140mm
Item
Pretravel (PT)
Model
Model
Model
Airtight seal
Basic
15
±5°
WLCA2-55-N
WLCA12-55-N
WLCL-55-N
25
±5°
WLCA2-255-N
-----
-----
MAX20
°
WLCA2-2N55-N
-----
-----
High-sensitivity
10
°
WLG2-55-N
-----
-----
High-precision
5
°
WLGCA2-55-N
-----
-----
Hermetic
seal
Molded
terminals,
-139 models
Basic
15
±5°
WLCA2-139-N
WLCA12-139-N
WLCL-139-N
25
±5°
WLCA2-2139-N
-----
-----
MAX20
°
WLCA2-2N139-N
-----
-----
High-sensitivity
10
°
WLG2-139-N
-----
-----
High-precision
5
°
WLGCA2-139-N
-----
-----
Molded
terminals,
-140 models
Basic
15
±5°
WLCA2-140-N
WLCA12-140-N
WLCL-140-N
25
±5°
-----
-----
-----
MAX20
°
WLCA2-2N140-N
-----
-----
High-sensitivity
10
°
WLG2-140-N
-----
-----
High-precision
5
°
-----
-----
-----
Molded
terminals,
-141 models
Basic
15
±5°
WLCA2-141-N
WLCA12-141-N
-----
25
±5°
-----
-----
-----
MAX20
°
-----
-----
-----
High-sensitivity
10
°
WLG2-141-N
-----
-----
High-precision
5
°
WLGCA2-141-N
-----
-----
Anti-coolant
Basic
15
±5°
WLCA2-RP60-N
WLCA12-RP60-N
WLCL-RP60-N
25
±5°
WLCA2-2RP60-N
-----
-----
MAX20
°
-----
-----
-----
High-sensitivity
10
°
WLG2-RP60-N
-----
-----
High-precision
5
°
WLGCA2-RP60-N
-----
-----
Heat-resistant
Basic
15
±5°
WLCA2-TH-N
WLCA12-TH-N
WLCL-TH-N
25
±5°
WLCA2-2TH-N
WLCA12-2TH-N
WLCL-2TH-N
MAX20
°
WLCA2-2NTH-N
WLCA12-2NTH-N
WLCL-2NTH-N
High-sensitivity
10
°
WLG2-TH-N
WLG12-TH-N
WLGL-TH-N
High-precision
5
°
WLGCA2-TH-N
-----
-----
Low-temperature
Basic
15
±5°
WLCA2-TC-N
WLCA12-TC-N
WLCL-TC-N
25
±5°
WLCA2-2TC-N
WLCA12-2TC-N
WLCL-2TC-N
MAX20
°
WLCA2-2NTC-N
WLCA12-2NTC-N
WLCL-2NTC-N
High-sensitivity
10
°
WLG2-TC-N
WLG12-TC-N
WLGL-TC-N
High-precision
5
°
WLGCA2-TC-N
-----
-----
Corrosion-proof
Basic
15
±5°
WLCA2-RP-N
WLCA12-RP-N
WLCL-RP-N
25
±5°
-----
-----
-----
MAX20
°
-----
-----
-----
High-sensitivity
10
°
WLG2-RP-N
-----
-----
High-precision
5
°
WLGCA2-RP-N
-----
-----
Weather-proof
Basic
15
±5°
WLCA2-P1-N
WLCA12-P1-N
WLCL-P1-N
25
±5°
-----
-----
MAX20
°
-----
-----
High-sensitivity
10
°
WLG2-P1-N
WLG12-P1-N
WLGL-P1-N
Actuator
Sealed top-roller
plunger
Horizontal plunger
Horizontal-roller
plunger
Coil spring
(spring diameter: 6.5)
Resin rod
(rod diameter: 8)
Model
Model
Model
Model
Model
Airtight
WLD28-55-N
WLSD-55-N
WLSD2-55-N
WLNJ-55-N
WLNJ-255-N
Hermetic
Molded
terminals,
-139 models
WLD28-139-N
WLSD-139-N
WLSD2-139-N
WLNJ-139-N
WLNJ-2139-N
Molded
terminals,
-140 models
WLD28-140-N
-----
WLSD2-140-N
WLNJ-140-N
WLNJ-2140-N
Anti-coolant
WLD28-RP60-N
WLSD-RP60-N
WLSD2-RP60-N
WLNJ-RP60-N
WLNJ-2RP60-N
Heat-resistant
WLD28-TH-N
WLSD-TH-N
WLSD2-TH-N
WLNJ-TH-N
-----
Low-temperature
-----
WLSD-TC-N
WLSD2-TC-N
WLNJ-TC-N
-----
Corrosion-proof
WLD28-RP-N
WLSD-RP-N
WLSD2-RP-N
WLNJ-RP-N
WLNJ-2RP-N
Standard Switches
+2
°
-1
°
+2
°
0
°
+2
°
-1
°
+2
°
0
°
+2
°
-1
°
+2
°
0
°
+2
°
-1
°
+2
°
0
°
+2
°
-1
°
+2
°
0
°
+2
°
-1
°
+2
°
0
°
+2
°
-1
°
+2
°
0
°
+2
°
-1
°
+2
°
0
°
+2
°
-1
°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com